Electronic Components Datasheet Search
  English  ▼

X  

UPD16636 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16636
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16636 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16636 Datasheet HTML 1Page - Renesas Technology Corp UPD16636 Datasheet HTML 2Page - Renesas Technology Corp UPD16636 Datasheet HTML 3Page - Renesas Technology Corp UPD16636 Datasheet HTML 4Page - Renesas Technology Corp UPD16636 Datasheet HTML 5Page - Renesas Technology Corp UPD16636 Datasheet HTML 6Page - Renesas Technology Corp UPD16636 Datasheet HTML 7Page - Renesas Technology Corp UPD16636 Datasheet HTML 8Page - Renesas Technology Corp UPD16636 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16636
312 OUTPUT TFT-LCD SOURCE DRIVER
(COMPATIBLE WITH 64 GRAY SCALES)
The
µPD16636 is a source driver for TFT-LCDs capable of dealing with displays with 64 gray scales. Data input
is based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of 260,000 colors
by output of 64 values
γ -corrected by an internal D/A converter and 5-by-2 external power modules. Because the
output dynamic range is as large as 9.6 VP-P, level inversion operation of the LCD’s common electrode is rendered
unnecessary. Also, to be able to deal with dot-line inversion when mounted on a single side, this source driver is
equipped with a built-in 6-bit D/A converter circuit whose odd output pins and even output pins respectively output
gray scale voltages of differing polarity. Assuring a maximum clock frequency of 45 MHz when driving at 3.0 V, this
driver is applicable to XGA-standard TFT-LCD panels.
FEATURES
•
Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter
•
Output dynamic range 9.6 VP-P min (@ VDD2 = 10.0 V)
•
CMOS level input
•
Input of 6 bits (gradation data) by 6 dots
•
High-speed data transfer: fmax = 45 MHz (internal data transfer speed when operating at 3.0 V)
•
312 outputs
•
Single bank arrangement is possible
ORDERING INFORMATION
Part Number
Package
µPD16636N-×××
TCP (TAB package)
The TCP’s external shape is customized. To order your TCP’s external shape, please contact a NEC salesperson.
Document No. S12577EJ1V0DS00 (1st edition)
Date Published June 1997 N
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com