Electronic Components Datasheet Search
  English  ▼

X  

UPD16644 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16644
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16644 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16644 Datasheet HTML 9Page - Renesas Technology Corp UPD16644 Datasheet HTML 10Page - Renesas Technology Corp UPD16644 Datasheet HTML 11Page - Renesas Technology Corp UPD16644 Datasheet HTML 12Page - Renesas Technology Corp UPD16644 Datasheet HTML 13Page - Renesas Technology Corp UPD16644 Datasheet HTML 14Page - Renesas Technology Corp UPD16644 Datasheet HTML 15Page - Renesas Technology Corp UPD16644 Datasheet HTML 16Page - Renesas Technology Corp UPD16644 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet S11421EJ2V0DS00
11
µµµµPD16644
Switching Characteristics (TA =
−−−−10 to +75°C, VDD1 = 3.0 to 3.6 V, VDD2 = 3.0 to 3.6 V or 4.5 to 5.5 V, VSS1 = VSS2
= 0 V, tr = tf = 3.0 ns)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
tPLH1
CL = 15 pF
7.0
12.0
ns
Start Pulse Delay Time
tPHL1
CL = 15 pF
7.0
12.0
ns
tPLH21
2.5
µs
tPLH31
VO: 0.1 V
→3.2 V
10
µs
tPHL21
2.5
µs
tPHL31
VDD2 = 3.3 V
2 k
Ω +75 pF × 2
VO: 3.2 V
→0.1 V
10
µs
tPLH22
2.5
µs
tPLH32
VO: 0.1 V
→4.9 V
10
µs
tPHL22
2.5
µs
Driver Output Delay Time
tPHL32
VDD2 = 5.0 V
2 k
Ω +75 pF × 2
VO: 4.9 V
→0.1 V
10
µs
CI1
STHR (STHL), TA = 25
°C15
20
pF
CI2
V0 to V10, TA = 25
°C
100
150
pF
Input Capacitance
CI3
STHR (STHL), other than V0 to V10
TA = 25
°C
10
15
pF
Timing Requirements (TA = –10 to +75
°C, VDD1 = 3.0 to 3.6 V, VSS1 = 0 V, tr = tf = 3.0 ns)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock Pulse Width
PWCLK
25
ns
Clock Low Period
PWCLK (L)
4ns
Clock High Period
PWCLK (H)
4ns
Strobe High Period
PWSTB(H)
2CLK
Strobe Low Period
PWSTB(L)
2CLK
Data Setup Time
tSETUP1
4ns
Data Hold Time
tHOLD1
0ns
Start Pulse Setup Time
tSETUP2
4ns
Start Pulse Hold Time
tHOLD2
0ns
Start Pulse Low Period
tSPL
2CLK
Start Pulse Rise Time
tSPR
64
CLK
Strobe Setup Time
tSETUP3
1CLK
Data Invalid Period
tINV
1CLK
Last Data Timing
tLDT
1CLK
CLK-STB Time
tCLK-STB
CLK
↑→STB↑ or ↓
7ns
STB-CLK Time
tSTB-CLK
STB
↑ or ↓→CLK↑
7ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com