Electronic Components Datasheet Search
  English  ▼

X  

UPD16650 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16650
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16650 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16650 Datasheet HTML 6Page - Renesas Technology Corp UPD16650 Datasheet HTML 7Page - Renesas Technology Corp UPD16650 Datasheet HTML 8Page - Renesas Technology Corp UPD16650 Datasheet HTML 9Page - Renesas Technology Corp UPD16650 Datasheet HTML 10Page - Renesas Technology Corp UPD16650 Datasheet HTML 11Page - Renesas Technology Corp UPD16650 Datasheet HTML 12Page - Renesas Technology Corp UPD16650 Datasheet HTML 13Page - Renesas Technology Corp UPD16650 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
µPD16650
11
RECOMMENDED MOUNTING CONDITIONS
When mounting this product, please make sure that the following recommended conditions are satisfied.
For packaging methods and conditions other than those recommended below, please contact NEC sales
personnel.
µPD16650N-×××
Mounting Condition
Mounting Method
Thermocompression
Soldering
ACF (Sheet-shape bonding
agent)
Caution
To find out the detailed conditions for packaging the ACF part, please contact the ACF
manufacturing company. Be sure to avoid using two or more packaging methods at a time.
Reference
NEC Semiconductor Device Reliability/Quality Control System (IEI-1212)
Quality Grades to NEC’s Semiconductor Devices (IEI-1209)
Condition
Heating tool 300 to 350 ˚C; heating for 2 to 3 seconds; pressure 100 g
(per solder)
Temporary bonding 70 to 100 ˚C; pressure 3 to 8 kg/cm2; time 3 to 5
secs.
Real bonding 165 to 180 ˚C; pressure 25 to 45 kg/cm2; time 30 to 40
secs. (when using the anisotropic conductive film SUMIZAC1003 of
Sumitomo Bakelite, Ltd.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com