Electronic Components Datasheet Search
  English  ▼

X  

UPD16682AW Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD16682AW
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16682AW Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD16682AW Datasheet HTML 17Page - Renesas Technology Corp UPD16682AW Datasheet HTML 18Page - Renesas Technology Corp UPD16682AW Datasheet HTML 19Page - Renesas Technology Corp UPD16682AW Datasheet HTML 20Page - Renesas Technology Corp UPD16682AW Datasheet HTML 21Page - Renesas Technology Corp UPD16682AW Datasheet HTML 22Page - Renesas Technology Corp UPD16682AW Datasheet HTML 23Page - Renesas Technology Corp UPD16682AW Datasheet HTML 24Page - Renesas Technology Corp UPD16682AW Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Data Sheet S14402EJ1V0DS
19
µµµµPD16682A
6.5 Display Data Latch Circuit
The display data latch circuit is used for temporary storage of display data that has been output to the LCD driver
circuit from the display data RAM.
The commands that are used to set normal/inverted display modes, display ON/OFF status, and display all ON/OFF
status are commands that control data in this latch so that there is no modification of the data in the display data
RAM.
7. OSCILLATION CIRCUIT
This is a CR-type oscillation circuit that generates the display clock. The oscillation circuit is valid only when CLS =
H. When CLS = L, oscillation is stopped and the display clock is input via the CL pin.
8. DISPLAY TIMING GENERATOR
The display timing generator generates timing signals from the display clock to the line address circuit and the
display data latch circuit. Display data is latched into the display data latch circuit in synch with the display clock and
is output via segment driver output pins. Reading of the display data is completely independent of the CPU’s
accessing of the display data RAM. Consequently, there are no adverse effects (such as flicker) on the LCD panel
even when the display data RAM is accessed asynchronously in relation to the LCD contents.
The internal common timing and LCD’s AC conversion signal (FR) are both generated from the display clock. As is
shown in Figure 8–1, a drive waveform based on the two-frame AC drive method is generated for the LCD driver
circuit.
If a multiple set of
µPD16682A chips is used, the display timing signals (FR, CL, and /DOF) for the slave side must
be supplied from the master side.
Operation Mode
FR
CL
/DOF
Master (M,/S = H)
On-chip oscillation circuit is valid (CLS = H)
Output
Output
Output
On-chip oscillation circuit is invalid (CLS = L)
Output
Input
Output
Slave (M,/S = L)
On-chip oscillation circuit is invalid (CLS = H)
Input
Input
Input
On-chip oscillation circuit is invalid (CLS = L)
Input
Input
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com