Electronic Components Datasheet Search
  English  ▼

X  

UPD16705 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16705
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16705 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16705 Datasheet HTML 1Page - Renesas Technology Corp UPD16705 Datasheet HTML 2Page - Renesas Technology Corp UPD16705 Datasheet HTML 3Page - Renesas Technology Corp UPD16705 Datasheet HTML 4Page - Renesas Technology Corp UPD16705 Datasheet HTML 5Page - Renesas Technology Corp UPD16705 Datasheet HTML 6Page - Renesas Technology Corp UPD16705 Datasheet HTML 7Page - Renesas Technology Corp UPD16705 Datasheet HTML 8Page - Renesas Technology Corp UPD16705 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2001
MOS INTEGRATED CIRCUIT
µµµµPD16705
263/256-OUTPUT TFT-LCD GATE DRIVER
DATA SHEET
Document No. S15818EJ1V0DS00 (1st edition)
Date Published July 2002 NS CP (K)
Printed in Japan
DESCRIPTION
The
µPD16705 is a TFT-LCD gate driver equipped with 263/256-output lines. It can output a high-gate scanning
voltage in response to CMOS level input because it provided with a level-shift circuit inside the IC circuit. It can also
drive the XGA/SXGA and SXGA+.
FEATURES
• CMOS level input (3.3 V/2.5 V)
• 263/256 outputs
• High-output voltage (VDD2-VEE: 40 V MAX.)
• Capable of All-on outputting (/AO)
Remark /xxx indicates active low signal.
ORDERING INFORMATION
Part Number
Package
µPD16705N-xxx
TCP (TAB package)
Remark The TCP’s external shape is customized. To order the required shape, please contact one of our sales
representatives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com