Electronic Components Datasheet Search
  English  ▼

X  

UPD16732 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16732
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16732 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16732 Datasheet HTML 9Page - Renesas Technology Corp UPD16732 Datasheet HTML 10Page - Renesas Technology Corp UPD16732 Datasheet HTML 11Page - Renesas Technology Corp UPD16732 Datasheet HTML 12Page - Renesas Technology Corp UPD16732 Datasheet HTML 13Page - Renesas Technology Corp UPD16732 Datasheet HTML 14Page - Renesas Technology Corp UPD16732 Datasheet HTML 15Page - Renesas Technology Corp UPD16732 Datasheet HTML 16Page - Renesas Technology Corp UPD16732 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet S12933EJ2V0DS00
11
µµµµ PD16732
Measurement Condition
Timing Requirement (TA = –10 to +75 °C, VDD1 = 3.3 V
±±±±0.3 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock Pulse Width
PWCLK
25
ns
Clock Pulse High Period
PWCLK(H)
4ns
Clock Pulse Low Period
PWCLK(L)
4ns
Data Setup Time
tSETUP1
4ns
Data Hold Time
tHOLD1
0ns
Start Pulse Setup Time
tSETUP2
4ns
Start Pulse Hold Time
tHOLD2
0ns
POL2 Setup Time
tSETUP3
4ns
POL2 Hold Time
tHOLD3
0ns
Start Pulse Low Period
tSPL
6ns
2CLK
STB Pulse Width
PWSTB
4
µ s
Data Invalid Period
tINV
1CLK
Last Data Timing
tLDT
2CLK
CLK-STB Time
tCLK-STB
CLK
↑ → STB ↑
6ns
STB-CLK Time
tSTB-CLK
STB
↑ → CLK ↑
6ns
Time Between STB and Start
Pulse
tSTB-STH
STB
↑ → STHR(STHL) ↑
2CLK
POL-STB Time
tPOL-STB
POL
↑ or ↓ → STB ↑
–5
ns
STB-POL Time
tSTB-POL
STB
↓ → POL ↓ or ↑
6ns
OUTPUT
RL
RL
RL
RL
RL=1k
CL
CL
CL
CL
CL
CL=15pF
RL
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com