Electronic Components Datasheet Search
  English  ▼

X  

UPD16803GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16803GS
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16803GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16803GS Datasheet HTML 1Page - Renesas Technology Corp UPD16803GS Datasheet HTML 2Page - Renesas Technology Corp UPD16803GS Datasheet HTML 3Page - Renesas Technology Corp UPD16803GS Datasheet HTML 4Page - Renesas Technology Corp UPD16803GS Datasheet HTML 5Page - Renesas Technology Corp UPD16803GS Datasheet HTML 6Page - Renesas Technology Corp UPD16803GS Datasheet HTML 7Page - Renesas Technology Corp UPD16803GS Datasheet HTML 8Page - Renesas Technology Corp UPD16803GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16803
Document No. S11452EJ2V0DS00 (2nd edition)
Date Published July 1997 N
Printed in Japan
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
DESCRIPTION
The
µPD16803 is a monolithic dual H bridge driver circuit which uses N-channel power MOS FETs in its driver stage.
By employing the power MOS FETs for the output stage, this driver circuit has a substantially improved saturation voltage
and power consumption as compared with conventional driver circuits that use bipolar transistors.
In addition, the drive current can be adjusted by an external resistor in a power-saving mode.
The
µPD16803 is therefore ideal as the driver circuit of the 2-phase excitation, bipolar-driven stepping motor for the head
actuator of an FDD.
FEATURES
•
Low ON resistance (sum of ON resistors of top and bottom transistors)
RON1 = 1.5
Ω TYP. (VM = 5.0 V)
RON2 = 2.0
Ω TYP. (VM = 12.0 V)
•
Low current consumption: IDD = 0.4 mA TYP.
•
Stop mode function that turns OFF all output transistors
•
Compact surface mount package: 20-pin plastic SOP (300 mil)
PIN CONFIGURATION (Top View)
1
3
4
5
6
7
8
9
10
C1H
C2L
1A
2A
PGND
VM1
VDD
INC
IN1
IN2
C1L
C2H
1B
2B
PGND
VG
VM2
DGND
RX
PS
2
20
18
17
16
15
14
13
12
11
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com