Electronic Components Datasheet Search
  English  ▼

X  

UPD16805GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16805GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16805GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16805GS Datasheet HTML 1Page - Renesas Technology Corp UPD16805GS Datasheet HTML 2Page - Renesas Technology Corp UPD16805GS Datasheet HTML 3Page - Renesas Technology Corp UPD16805GS Datasheet HTML 4Page - Renesas Technology Corp UPD16805GS Datasheet HTML 5Page - Renesas Technology Corp UPD16805GS Datasheet HTML 6Page - Renesas Technology Corp UPD16805GS Datasheet HTML 7Page - Renesas Technology Corp UPD16805GS Datasheet HTML 8Page - Renesas Technology Corp UPD16805GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
The information in this document is subject to change without notice.
MOS INTEGRATED CIRCUIT
µµµµPD16805
MONOLITHIC H BRIDGE DRIVER CIRCUIT
Document No. S11032EJ4V0DS00 (4th edition)
Date Published July 2001 N CP(K)
Printed in Japan
DATA SHEET
©
1997
µPD16805 is the monolithic and H bridge driver IC which consists of a CMOS control circuit and a MOS output
stage.
As compared with the driver of a MOS process using the conventional bipolar transistor, reduction of
consumption current and power consumption is possible. With this product, clockwise and the inversion, and the
brake function are built in, and it is the best for the drive circuit of the motor for film winding up of a camera, and the
motor for auto focus/zooms.
The package has adopted the 16 pin SOP and the 24 pin TSSOP, and corresponds to reduction of mounting area
and mounting height. This product corresponds to the drive current to 1.0 A (DC).
FEATURES
• High drive current
ID(pulse) = 4.2 A MAX. at PW
≤ 200 ms (single pulse)
ID(DC) = 1.0 A (DC)
• Low-ON resistance (sum of the upper and lower sides MOS FET)
RON = 0.4
Ω TYP. at ID = 1.0 A
• Standby function that turns OFF charge pump circuit
• Compact surface mount package
16-pin plastic SOP (1.27 mm pitch)
24-pin plastic TSSOP (0.5 mm pitch)
ORDERING INFORMATION
Part Number
Package
µPD16805GS
16-pin plastic SOP (7.64 mm (300))
µPD16805MA-6A5
24-pin plastic TSSOP (5.72 mm (225))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com