Electronic Components Datasheet Search
  English  ▼

X  

UPD16813GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16813GS
Description  MOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16813GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16813GS Datasheet HTML 1Page - Renesas Technology Corp UPD16813GS Datasheet HTML 2Page - Renesas Technology Corp UPD16813GS Datasheet HTML 3Page - Renesas Technology Corp UPD16813GS Datasheet HTML 4Page - Renesas Technology Corp UPD16813GS Datasheet HTML 5Page - Renesas Technology Corp UPD16813GS Datasheet HTML 6Page - Renesas Technology Corp UPD16813GS Datasheet HTML 7Page - Renesas Technology Corp UPD16813GS Datasheet HTML 8Page - Renesas Technology Corp UPD16813GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16813
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
DESCRIPTION
The
µPD16813 is a monolithic dual H bridge driver circuit which uses power MOS FETs in its driver stage. By
complementing the P channel and N channel of the output stage, the circuit current has been substantially inproved
as compared with that of conventional charge pump drivers.
The
µPD16813 is therefore ideal as the driver circuit of the 2-phase excitation, bipolar-driven stepping motor for
the head actuator of an FDD.
FEATURES
•
Low ON resistance (sum of ON resistors of top and bottom transistors)
RON = 2.0
Ω TYP.
•
Low current consumption: IDD = 100
µA MAX.
•
Noise reduction circuit that operates when INC is OFF.
•
Compact surface mount package: 16-pin plastic SOP (300 mil)
PIN CONFIGURATION (Top View)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VM1
1A
PGND1
2A
VDD
IN1
IN2
INC
NC
1B
PGND2
2B
VM2
SEL
NC
DGND
ORDERING INFORMATION
Part Number
Package
µPD16813GS
16-pin plastic SOP (300 mil)
Document No. S10590EJ2V0DS00 (2nd edition)
Date Published July 1997 N
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com