Electronic Components Datasheet Search
  English  ▼

X  

1551901 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1551901
Description  SACC-DSI-MSD-4CON-M12/0,5 SCO - Device connector, rear mounting
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1551901 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1551901 Datasheet HTML 1Page - PHOENIX CONTACT 1551901 Datasheet HTML 2Page - PHOENIX CONTACT 1551901 Datasheet HTML 3Page - PHOENIX CONTACT 1551901 Datasheet HTML 4Page - PHOENIX CONTACT 1551901 Datasheet HTML 5Page - PHOENIX CONTACT 1551901 Datasheet HTML 6Page - PHOENIX CONTACT 1551901 Datasheet HTML 7Page - PHOENIX CONTACT 1551901 Datasheet HTML 8Page - PHOENIX CONTACT 1551901 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Device connector, rear mounting, PROFINET, 4-position, Flush-type male connector, straight,
M12-SPEEDCON, coding: D , on free cable end, Rear mounting, M12 x 1, Individual wires, cable
length: 0.5 m, 0.34 mm2, TPE litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1240002
Your advantages
Preassembled with litz wires for immediate use
•
Customer-specific assemblies and litz wire lengths available
•
Sealed on the litz wire side for optimum leak-tightness
•
Standard pin assignments for signal and power transmission with a uniform design-in design
•
For high transmission safety: shield connection to the housing with optional EMC nut
•
SPEEDCON fast locking system reduces cabling times
•
Commercial Data
Item number
1551901
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
AB24
Product Key
ABQCGA
Catalog Page
Page 47 (C-2-2019)
GTIN
4046356161961
Weight per Piece (including packing)
27.6 g
Weight per Piece (excluding packing)
17.4 g
Customs tariff number
85444290
Country of origin
DE
SACC-DSI-MSD-4CON-M12/0,5 SCO - Device
connector, rear mounting
1551901
https://www.phoenixcontact.com/us/products/1551901
Aug 22, 2023, 1:26 AM
Page 1 (11)


Similar Part No. - 1551901

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551914 PHOENIX-1551914 Datasheet
506Kb / 11P
SACC-DSI-MS-8CON-M12/0,5 SCO - Device connector, rear mounting
logo
Tyco Electronics
1551920-1 MACOM-1551920-1 Datasheet
4Mb / 6P
Quick Reference Guide
1551920-2 MACOM-1551920-2 Datasheet
528Kb / 2P
z-Quad Small Form-factor Pluggable Plus (zQSFP) Interconnect System
logo
TE Connectivity Ltd
1551920-2 TEC-1551920-2 Datasheet
3Mb / 10P
QSFP28/56 and zQSFP Interconnects
logo
PHOENIX CONTACT
1551927 PHOENIX-1551927 Datasheet
479Kb / 14P
SAC-6P-M 8MS-M 8FS/.../... - Sensor/actuator cable
More results

Similar Description - 1551901

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1419629 PHOENIX-1419629 Datasheet
531Kb / 13P
SACC-DSI-M12MS-4CON-M16/0,5 - Device connector, rear mounting
1453452 PHOENIX-1453452 Datasheet
407Kb / 8P
SACC-DSI-M 8FS-4CON-M12/0,5 - Device connector, rear mounting
1456093 PHOENIX-1456093 Datasheet
411Kb / 9P
SACC-DSI-M8FS-4CON-M10/0,5 - Device connector, rear mounting
1424136 PHOENIX-1424136 Datasheet
349Kb / 9P
SACC-DSI-M12MST-4CON-M16/0,5 - Device connector, rear mounting
1551875 PHOENIX-1551875 Datasheet
603Kb / 13P
SACC-DSI-MS-4CON-M12/0,5 SCO - Device connector, rear mounting
1551914 PHOENIX-1551914 Datasheet
506Kb / 11P
SACC-DSI-MS-8CON-M12/0,5 SCO - Device connector, rear mounting
1553462 PHOENIX-1553462 Datasheet
499Kb / 10P
SACC-DSI-FS-4CON-L180 SCO - Device connector, rear mounting
1437122 PHOENIX-1437122 Datasheet
525Kb / 13P
SACC-DSI-MS-12CON-M12/0,5 SCO - Device connector, rear mounting
1437135 PHOENIX-1437135 Datasheet
512Kb / 11P
SACC-DSI-MS-17CON-M12/0,5 SCO - Device connector, rear mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com