Electronic Components Datasheet Search
  English  ▼

X  

11192000 Datasheet(PDF) 1 Page - Lapp.

Part # 11192000
Description  EPIC® H-BE 2.5 CONTACTS MACHINED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

11192000 Datasheet(HTML) 1 Page - Lapp.

  11192000 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11190000
DATA SHEET
Valid from:
16.11.2018
EPIC® H-BE 2.5 CONTACTS MACHINED
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB11190000EN
Version: 03
Page 1 of 1
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
For inserts and modules of the EPIC® rectangular connectors
Article-
Number
Article
Version
Conductor cross-
section
(mm²)
Cross-
section
ratio
Surface
Stripping
length (mm)
11190000 H-BE 2.5
male
0,5
0
Ag
7,4
11195000 H-BE 2.5
female
0,5
0
Ag
7,3
11190100 H-BE 2.5
male
0,75 - 1
1
Ag
7,4
11195100 H-BE 2.5
female
0,75 - 1
1
Ag
7,3
11190200 H-BE 2.5
male
1,5
2
Ag
7,4
11195200 H-BE 2.5
female
1,5
2
Ag
7,3
11190300 H-BE 2.5
male
2,5
3
Ag
7,4
11195300 H-BE 2.5
female
2,5
3
Ag
7,3
11190400 H-BE 2.5
male
4,00
Ag
7,4
11195400 H-BE 2.5
female
4,00
Ag
7,3
11192000 H-BE 2.5
male
0,5
0
Au
7,4
11197000 H-BE 2.5
female
0,5
0
Au
7,3
11192100 H-BE 2.5
male
0,75 - 1
1
Au
7,4
11197100 H-BE 2.5
female
0,75 - 1
1
Au
7,3
11192200 H-BE 2.5
male
1,5
2
Au
7,4
11197200 H-BE 2.5
female
1,5
2
Au
7,3
11190301 H-BE 2,5
Stift
0,14-0,37
1
Au
7,4
11190302 H-BE 2,5
Buchse
0,14-0,37
1
Au
7,3
Remark
Photographs are not to scale and do not represent detailed images of the respective products.


Similar Part No. - 11192000

ManufacturerPart #DatasheetDescription
logo
Lapp.
1119200 LAPP-1119200 Datasheet
352Kb / 7P
ÖLFLEX® CLASSIC 110
02_03.16
More results

Similar Description - 11192000

ManufacturerPart #DatasheetDescription
logo
Lapp.
1121300C LAPP-1121300C Datasheet
88Kb / 1P
EPIC® MC 2.5 MACHINED CONTACTS
17.09.2018
10186202 LAPP-10186202 Datasheet
232Kb / 3P
EPIC® H-BE 48 CRIMPTERMINATION
03.11.2020
10194100 LAPP-10194100 Datasheet
199Kb / 2P
EPIC® H-BE 16 SS / H-BE 16 BS
31.05.2023
11201000 LAPP-11201000 Datasheet
86Kb / 1P
EPIC® MC 2.5 STAMPED CONTACTS
17.09.2018
11272000 LAPP-11272000 Datasheet
173Kb / 2P
EPIC® H-D 64 SCM / H-D 64 BCM machined
17.09.2018
13162000 LAPP-13162000 Datasheet
99Kb / 1P
EPIC® H-D 1.6 Machined Contacts
17.09.2018
44423204 LAPP-44423204 Datasheet
238Kb / 3P
EPIC® H-BE 16 SP / H-BE 16 BP
26.04.2021
44424014 LAPP-44424014 Datasheet
145Kb / 2P
EPIC® MODULAR 3.6 MACHINED CONTACTS 16mm2
17.09.2018
70315100 LAPP-70315100 Datasheet
176Kb / 2P
EPIC® TB-H-BE 16
17.09.2018
70317100 LAPP-70317100 Datasheet
162Kb / 2P
EPIC® TB-H-BE 24
17.09.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com