Electronic Components Datasheet Search
  English  ▼

X  

ADA4522-2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4522-2
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4522-2 Datasheet HTML 19Page - Analog Devices ADA4522-2 Datasheet HTML 20Page - Analog Devices ADA4522-2 Datasheet HTML 21Page - Analog Devices ADA4522-2 Datasheet HTML 22Page - Analog Devices ADA4522-2 Datasheet HTML 23Page - Analog Devices ADA4522-2 Datasheet HTML 24Page - Analog Devices ADA4522-2 Datasheet HTML 25Page - Analog Devices ADA4522-2 Datasheet HTML 26Page - Analog Devices ADA4522-2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Data Sheet
ADA4523-1
Rev. 0 | Page 23 of 29
ELECTRICAL OVERSTRESS AND INPUT PROTECTION
Do not exceed the absolute maximum ratings. Avoid driving the
input and output pins beyond the rails, especially at supply
voltages approaching 40 V. The inputs of the ADA4523-1 are
internally protected by ESD diodes and an ESD clamp (see
Figure 64). When the inputs are driven above and/or below the
supply rail, the inputs draw substantial input currents, as shown
in Figure 71.
20
–20
0
2.0
INPUT VOLTAGE BEYOND SUPPLY (V)
–15
–10
–5
0
5
10
15
0.4
0.8
1.2
1.6
+125°C
+25°C
–40°C
FORWARD BIASING
ESD PROTECTION DIODE
BETWEEN INPUT AND V+
FORWARD BIASING
ESD PROTECTION DIODE
BETWEEN INPUT AND V–
Figure 71. Input Current vs. Input Voltage Beyond Supply, ESD Protection
Diode Forward Bias Voltage
If a large differential input voltage is imposed between +IN and
−IN, the resulting input bias current is as shown in Figure 72.
Note that the +IN and −IN bias currents are asymmetrical due
to the input ESD clamp structure of the ADA4523-1. Some
additional current is sourced from the supply when a large
input voltage separates +IN from −IN, and this current then
exits the device through −IN.
20
–20
–2.0
2.0
DIFFERENTIAL INPUT VOLTAGE (V)
–16
–12
–8
–4
0
4
8
12
16
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
+IN –40°C
–IN –40°C
+IN +25°C
–IN +25°C
+IN +125°C
–IN +125°C
MEASUREMENT IS CURRENT LIMITED TO 20mA
VS = ±15V
VCM = 0V
Figure 72. Input Current vs. Differential Input Voltage for +IN and –IN and
Various Temperatures
If overvoltage conditions cannot be prevented, a resistor in
series (RIN) with the threatened pin can limit fault current,
IOVERLOAD, to below the absolute maximum rating and reduce
the possibility of device damage (see Figure 73).
RIN
1kΩ
ADA4523-1
VIN
V+
V–
OUT
IOVERLOAD
RIN LIMITS IOVERLOAD TO <10mA
FOR VIN < 10V OUTSIDE OF THE SUPPLY RAILS.
Figure 73. Using a Resistor to Limit the Input Current
Keep the current-limit resistance low enough to not add noise
and error voltages from interaction with the input bias currents.
Resistances ≤1 kΩ do not significantly impact noise or precision.
See Figure 71 and Figure 72 for the characteristics of the internal
ESD diodes to help determine the appropriate value of the resistor.
In harsh environments, reliability can be enhanced further with
protection circuitry. The circuit shown in Figure 74 uses low
leakage diodes (Nexperia BAV199) to protect the input. R2
protects the external diodes, and R1 limits the current that may
flow through the internal diodes. In this circuit, R1 can be small
because the applied voltage is already reduced by the external
protection diodes.
R1
R2
ADA4523-1
VIN
D1A
BAV199
D1B
BAV199
V+
V–
Figure 74. Input Protection Circuit Using External Diodes
In high temperature applications where the leakage currents of
the internal ESD diodes dominate the input bias current, the
circuit can benefit from adding an input bias cancellation
resistor in the feedback path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com