Electronic Components Datasheet Search
  English  ▼

X  

ADA4254 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4254
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4254 Datasheet HTML 20Page - Analog Devices ADA4254 Datasheet HTML 21Page - Analog Devices ADA4254 Datasheet HTML 22Page - Analog Devices ADA4254 Datasheet HTML 23Page - Analog Devices ADA4254 Datasheet HTML 24Page - Analog Devices ADA4254 Datasheet HTML 25Page - Analog Devices ADA4254 Datasheet HTML 26Page - Analog Devices ADA4254 Datasheet HTML 27Page - Analog Devices ADA4254 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 24 of 29
SHUTDOWN MODE
The ADA4523-1 features a shutdown mode for low power
applications. In the off state, both amplifiers are shut off and
draw less than 20 µA (maximum over temperature) of supply
current per amplifier. In addition, in the off stage, both outputs
present high impedances to external circuitry.
Keep in mind that during the off state, even with the amplifier
output in high impedance, the output can still modulate by the
input signal through the input differential clamp and the
feedback resistor. (See Figure 64 for the location of the
differential clamp.) In addition, depending on the resistor
values, significant current can still be drawn from the input
source.
Shutdown control is accomplished using the separate logic SD
reference voltage input (SDCOM) and the shutdown pin (SD).
This method allows low voltage digital control logic to operate
independently of the high voltage supply rails of the op amp. A
summary of the shutdown control logic and operating ranges is
shown in Table 8 and Table 9.
Table 8. Shutdown Control Logic
Shutdown Pin Condition
Amplifier State
SD = float, SDCOM = float
On
SD − SDCOM ≥ 2 V
On
SD − SDCOM ≤ 0.8 V
Off
Table 9. Operating Voltage Range for Shutdown Pins
Mnemonic
Minimum
Maximum
SD − SDCOM
−0.2 V
+5.2 V
SDCOM
V−
V+ − 2.35 V
SD
V−
V+
If the shutdown feature is not required, leave SD and SDCOM
floating. Internal circuitry automatically keeps the amplifier in
the on state.
For operation in noisy environments, adding a capacitor
between SD and SDCOM is recommended to prevent noise
from changing the shutdown state.
When there is a danger of SD and SDCOM pulling beyond the
supply rails, adding resistance in series with the shutdown pins
is recommended to limit current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com