Electronic Components Datasheet Search
  English  ▼

X  

LTC2052 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2052
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2052 Datasheet(HTML) 2 Page - Analog Devices

  LTC2052 Datasheet HTML 1Page - Analog Devices LTC2052 Datasheet HTML 2Page - Analog Devices LTC2052 Datasheet HTML 3Page - Analog Devices LTC2052 Datasheet HTML 4Page - Analog Devices LTC2052 Datasheet HTML 5Page - Analog Devices LTC2052 Datasheet HTML 6Page - Analog Devices LTC2052 Datasheet HTML 7Page - Analog Devices LTC2052 Datasheet HTML 8Page - Analog Devices LTC2052 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 2 of 29
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Typical Application Diagram .......................................................... 1
Companion Products....................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
5 V Electrical Characteristics...................................................... 3
30 V Electrical Characteristics.................................................... 5
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configurations and Function Descriptions ........................... 8
Typical Performance Characteristics ........................................... 10
Theory of Operation ...................................................................... 20
Input Voltage Noise.................................................................... 20
Input Current Noise................................................................... 20
Input Bias Current...................................................................... 20
Thermocouple Effects................................................................ 21
Power Dissipation....................................................................... 22
Electrical Overstress and Input Protection................................. 23
Shutdown Mode ......................................................................... 24
Applications Information .............................................................. 25
Paralleling Choppers to Improve Noise .................................. 25
Solder Pad Layouts..................................................................... 26
Typical Application Circuit and Transfer Function............... 26
Related Products......................................................................... 27
Outline Dimensions....................................................................... 28
Ordering Guide .......................................................................... 29
REVISION HISTORY
4/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com