Electronic Components Datasheet Search
  English  ▼

X  

BASH16MX2W Datasheet(PDF) 3 Page - ON Semiconductor

Part # BASH16MX2W
Description  High Voltage Switching Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BASH16MX2W Datasheet(HTML) 3 Page - ON Semiconductor

  BASH16MX2W Datasheet HTML 1Page - ON Semiconductor BASH16MX2W Datasheet HTML 2Page - ON Semiconductor BASH16MX2W Datasheet HTML 3Page - ON Semiconductor BASH16MX2W Datasheet HTML 4Page - ON Semiconductor BASH16MX2W Datasheet HTML 5Page - ON Semiconductor BASH16MX2W Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BASH16MX2W
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 2. Forward Voltage
Figure 3. Total Capacitance
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.001
0.01
0.1
1
40
35
25
20
15
10
5
0
Figure 4. Reverse Current − BASH16
Figure 5. Reverse Current − BASH19
VR, REVERSE VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
120
100
80
60
40
20
0
0.0001
0.001
0.01
0.1
1
10
100
120
100
80
60
40
20
0
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Figure 6. Reverse Current − BASH20
Figure 7. Reverse Current − BASH21
VR, REVERSE VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
250
200
150
100
50
0
0.0001
0.001
0.01
0.1
1
10
100
250
200
150
100
50
0
0.0001
0.001
0.01
0.1
1
10
100
175°C
−40°C
150°C
125°C
0°C
25°C
75°C
30
BAS20
BAS21
BAS16
BAS19
175°C
−40°C
150°C
125°C
0°C
25°C
75°C
175°C
−40°C
150°C
125°C
0°C
25°C
75°C
175°C
−40°C
150°C
125°C
0°C
25°C
75°C
175°C
−40°C
150°C
125°C
0°C
25°C
75°C
1.2
1.0
0.8
0.6
0.4
0.2
0.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com