Electronic Components Datasheet Search
  English  ▼

X  

HDMIULC6-4SC6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HDMIULC6-4SC6
Description  Ultra large bandwidth ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-4SC6 Datasheet(HTML) 2 Page - STMicroelectronics

  HDMIULC6-4SC6 Datasheet HTML 1Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 2Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 3Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 4Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 5Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 6Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 7Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 8Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
HDMIULC6-4SC6
2/11
1
Characteristics
Table 1.
Absolute ratings
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 air discharge
IEC 61000-4-2 contact discharge
MIL STD883C-Method 3015-6
±15
±15
±25
kV
Tstg
Storage temperature range
-55 to +150
°C
Tj
Maximum junction temperature
125
°C
TL
Lead solder temperature (10 seconds duration)
260
°C
Table 2.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max
IRM
Leakage current
VRM = 5 V
0.5
µA
VBR
Breakdown voltage between VBUS
and GND
IR = 1 mA
6
V
VCL
Clamping voltage
IPP = 1 A, tp = 8/20 µs
Any I/O pin to GND
12
V
IPP = 5 A, tp = 8/20 µs
Any I/O pin to GND
17
V
Ci/o-GND
Capacitance between I/O and GND
VR = 0 V, F = 1 MHz
1
pF
VR = 0 V, F = 825 MHz
0.6
∆Ci/o-GND
Capacitance variation between I/O
and GND
0.015
Ci/o-i/o
Capacitance between I/O
VR = 0 V, F = 1 MHz
0.42
0.5
pF
VR = 0 V, F = 825 MHz
0.3
∆Ci/o-i/o Capacitance variation between I/O
0.007



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com