Electronic Components Datasheet Search
  English  ▼

X  

6CWQ06FN Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 6CWQ06FN
Description  6CWQ06FN SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

6CWQ06FN Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  6CWQ06FN Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 6CWQ06FN Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 6CWQ06FN Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 6CWQ06FN Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0606, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
6CWQ06FN
6CWQ06FN SCHOTTKY RECTIFIER
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
60
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @TC = 131°C,
rectangular wave form
3.5(Peg Leg)
A
7(Peg Device)
Peak One Cycle Non-Repetitive Surge
Current(Peg Leg)
IFSM
8.3 ms, half Sine pulse
80
A
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop
(Per Leg) *
VF1
@ 3A, Pulse, TJ = 25 C
@ 6A, Pulse, TJ = 25 C
0.55
0.65
0.61
0.76
V
VF2
@ 3A, Pulse, TJ = 125 C
@ 6A, Pulse, TJ = 125 C
0.48
0.60
0.53
0.65
V
Reverse Current Per Leg) *
IR1
@VR = rated VR , TJ = 25 C
0.03
1.00
mA
IR2
@VR = rated VR, TJ = 125 C
15
30
mA
Junction Capacitance(Per Leg)
CT
@VR = 5V, TC = 25 C, fSIG = 1MHz
130
180
pF
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Electrical Characteristics:
150℃ TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
“-A” is an AEC-Q101 qualified device
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Disk drives
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Battery charging
DPAK


Similar Part No. - 6CWQ06FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6CWQ06FN IRF-6CWQ06FN Datasheet
70Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
6CWQ06FN VISHAY-6CWQ06FN Datasheet
110Kb / 6P
Schottky Rectifier, 2 x 3.5 A
13-Aug-08
6CWQ06FN VISHAY-6CWQ06FN Datasheet
149Kb / 7P
Schottky Rectifier, 2 x 3.5 A
03-Nov-10
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
logo
Inchange Semiconductor ...
6CWQ06FN ISC-6CWQ06FN Datasheet
276Kb / 2P
Schottky Rectifier
More results

Similar Description - 6CWQ06FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com