Electronic Components Datasheet Search
  English  ▼

X  

DS1825UTR Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1825UTR
Description  Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1825UTR Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1825UTR Datasheet HTML 1Page - Maxim Integrated Products DS1825UTR Datasheet HTML 2Page - Maxim Integrated Products DS1825UTR Datasheet HTML 3Page - Maxim Integrated Products DS1825UTR Datasheet HTML 4Page - Maxim Integrated Products DS1825UTR Datasheet HTML 5Page - Maxim Integrated Products DS1825UTR Datasheet HTML 6Page - Maxim Integrated Products DS1825UTR Datasheet HTML 7Page - Maxim Integrated Products DS1825UTR Datasheet HTML 8Page - Maxim Integrated Products DS1825UTR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DS1825 Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
2 of 21
DESCRIPTION (cont.)
Each DS1825 has a unique 64-bit serial code, which allows multiple DS1825s to function on the same 1-Wire bus;
thus, it is simple to use one microprocessor to control many DS1825s distributed over a large area. In addition, the
4-bit location address can be used to identify specific temperature sensors in the system without requiring a wide
lookup table. Applications that can benefit from this feature include HVAC environmental controls, temperature
monitoring systems inside buildings, equipment or machinery, and process monitoring and control systems.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature Range
-55°C to +125
°C
Storage Temperature Range
-55°C to +125°C
Solder Dip Temperature (10s)
+260°C
Reflow Oven Temperature
+220°C
These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD= 3.0V to 3.7V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
Local Power
+3.0
+3.7
V
1
Parasite Power
+3.0
+3.7
Pullup Supply Voltage
VPU
Local Power
+3.0
VDD
V
1, 2
-10°C to +85°C
±0.5
°C
Thermometer Error
tERR
-55°C to +125°C
±2
°C
3
Programming
Resistor: AD0-AD3
RPGM
0
10
k
W
12
DQ Input Logic Low
VIL(DQ)
-0.3
+0.7
V
1, 4, 5
Local Power
+2.2
DQ Input Logic High
VIH(DQ)
Parasite Power
+3.0
The lower of
3.7
or
VDD + 0.3
V
1, 6
Sink Current
IL
VI/O = 0.4V
4.0
mA
1
Standby Current
IDDS
500
1000
nA
7, 8
Active Current
IDD
VDD = 3.7V
0.65
1.5
mA
9
DQ Input Current
IDQ
5
µA
10
Drift
±0.2
°C
11
NOTES:
1.
All voltages are referenced to ground.
2.
The Pullup Supply Voltage specification assumes that the pullup device is ideal, and therefore the high level of the pullup is equal to VPU.
In order to meet the VIH spec of the DS1825, the actual supply rail for the strong pullup transistor must include margin for the voltage drop
across the transistor when it is turned on; thus: VPU_ACTUAL = VPU_IDEAL + VTRANSISTOR.
3.
See typical performance curve in Figure 18
4.
Logic low voltages are specified at a sink current of 4mA.
5.
To guarantee a presence pulse under low voltage parasite power conditions, VILMAX may have to be reduced to as low as 0.5V.
6.
Logic high voltages are specified at a source current of 1mA.
7.
Standby current specified up to 70
°C. Standby current typically is 3mA at 125°C.
8.
To minimize IDDS, DQ should be within the following ranges: GND
£ DQ £ GND + 0.3V or VDD - 0.3V £ DQ £ VDD.
9.
Active current refers to supply current during active temperature conversions or EEPROM writes.
10.
DQ line is high (“hi-Z” state).
11.
Drift data is based on a 1000 hour stress test at 125°C.
12.
Inputs AD0-AD3 must be tied either High or Low. A "Low" is a connection to the GND terminal. A "High" connection varies with usage of
the DS1825. When connected as a parasite powered sensor, a connection to DQ is considered a High. When powered through the VDD
pin, a connection to VDD is a High. If left floating, the input values are indeterminate and may be either logical "0" or logical "1." See
Figures 20 and 21 for details. When optional programming resistors are used, their maximum values are 10,000
W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com