Electronic Components Datasheet Search
  English  ▼

X  

7705201FC Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 7705201FC
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

7705201FC Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 7705201FC Datasheet HTML 3Page - Vishay Siliconix 7705201FC Datasheet HTML 4Page - Vishay Siliconix 7705201FC Datasheet HTML 5Page - Vishay Siliconix 7705201FC Datasheet HTML 6Page - Vishay Siliconix 7705201FC Datasheet HTML 7Page - Vishay Siliconix 7705201FC Datasheet HTML 8Page - Vishay Siliconix 7705201FC Datasheet HTML 9Page - Vishay Siliconix 7705201FC Datasheet HTML 10Page - Vishay Siliconix 7705201FC Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-10
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
APPLICATIONS
(Multiplexer On-Off Control)
Analog
Inputs
(Outputs)
CLOCK
IN
NC
ENABLE
IN
Analog
Output
(Input)
DG508A_MIL
D
EN
DM7493
+15 V
GND
+5 V
Analog
Inputs
(Outputs)
Analog
Output
(Input)
+15 V
–15 V
DG509A_MIL
EN
GND
V+
V–
Differential
Differential
CLOCK
IN
NC
ENABLE
Q
GND
+5 V
NC
Q
RESET
J
K
CLK
J
K
CLK
CLEAR
CLEAR
1/2 MM74C73
1/2 MM74C73
S1
S8
A0
A1
A2
QB
QC
QD
QA
r01 r02
S1a
S4a
S1b
S4b
Da
Db
A0
A1
Q
Q
FIGURE 11. 8-Channel Sequential Multiplexer/ Demultiplexer
FIGURE 12. Differential 4-Channel Sequential Multiplexer/ Demultiplexer
+15 V
–15 V
GND
V+
V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com