Electronic Components Datasheet Search
  English  ▼

X  

5311 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5311
Description  1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5311 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5311 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5311 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5311 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2-44
Model 5311
STANDARD RESISTANCE VALUES, OHMS
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
10
0.491
± 20 ppm/°C
100
0.233
± 20 ppm/°C
500
0.187
± 20 ppm/°C
1K
0.150
± 20 ppm/°C
2K
0.117
± 20 ppm/°C
5K
0.090
± 20 ppm/°C
10K
0.073
± 20 ppm/°C
20K
0.066
± 20 ppm/°C
30K
0.060
± 20 ppm/°C
MECHANICAL
Total Mechanical Travel
360° Continuous model
350° ±2° Stop model
Number of Gangs, Maximum
1
Weight, Nominal
1.5 oz.
Static Stop Strength
48 oz.-in.
Shaft End Play, Maximum
.007”
Shaft Runout, T.I.R., Maximum
.0025”
Pilot Diameter Runout, T.I.R., Maximum
.0025”
Lateral Runout, T.I.R., Maximum
.003”
Shaft Radial Play, Maximum
.004”
Starting Torque, Maximum
1.0 oz.-in.
Running Torque, Maximum
0.7 oz.-in.
METRIC CONVERSIONS
1 in.
25.4mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com