Electronic Components Datasheet Search
  English  ▼

X  

TA2017DM Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TA2017DM
Description  TD-SCDMA, RF SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TA2017DM Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TA2017DM Datasheet HTML 1Page - Transko Electronics, Inc. TA2017DM Datasheet HTML 2Page - Transko Electronics, Inc. TA2017DM Datasheet HTML 3Page - Transko Electronics, Inc. TA2017DM Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TA2017DM
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
Electrical Characteristics
MAXIMUM RATING
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Operating Temperature Range
°C
-30
-
+85
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
-
0
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Package type & size
M
Length x Width
mm²
-
3.0 x 3.0
-
Height
mm
-
-
1.3
ELECTRICAL SPECIFICATION
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Center Frequency (Fo)
MHz
-
2017.5
-
Insertion Loss within 2010.0 ~ 2025.0 MHz
dB
-
2.5
3.2
Amplitude Ripple within 2010.0 ~ 2025.0 MHz
dBp-p
-
0.8
1.5
Attenuation:
D.C. ~ 1820.0 MHz
dB
35
42
-
1820.0 ~ 1850.0 MHz
dB
40
55
-
1920.0 ~ 1980.0 MHz
dB
13
18
-
2085.0 ~ 2400.0 MHz
dB
40
50
-
2400.0 ~ 2430.0 MHz
dB
40
55
-
2430.0 ~ 3000.0 MHz
dB
30
45
-
VSWR within 2010.0~2025.0 MHz
-
-
1.4
2.1
Notes: (1) No Matching Network (Ref. Testing Environment Circuit as shown below).
 TD-SCDMA, RF SAW Filter
 Revision 0: September 2009


Similar Part No. - TA2017DM

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
TA201 IVO-TA201 Datasheet
402Kb / 2P
Tachometer electronic
logo
TEWS Technologies GmbH
TA201 TEWS-TA201 Datasheet
443Kb / 3P
32x ADC, 16x/0x DAC and 8x Digital I/O
2017-12-05
TA201 TEWS-TA201 Datasheet
450Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input
2023-08-16
logo
Baumer IVO GmbH & Co. K...
TA201.001AXA1 IVO-TA201.001AXA1 Datasheet
402Kb / 2P
Tachometer electronic
TA201.002AXA1 IVO-TA201.002AXA1 Datasheet
402Kb / 2P
Tachometer electronic
More results

Similar Description - TA2017DM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
SAW IF filter TD-SCDMA
B5077 EPCOS-B5077 Datasheet
67Kb / 8P
SAW IF filter TD-SCDMA
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
SAW filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
SAW IF filter TD-SCDMA
B5207 EPCOS-B5207 Datasheet
65Kb / 7P
SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
SAW IF filter TD-SCDMA
logo
Murata Manufacturing Co...
SAFEA2G01FA0F0A MURATA1-SAFEA2G01FA0F0A Datasheet
420Kb / 8P
SAW FILTER FOR TD-SCDMA
Feb. 11, 2020
SAWFD1G90KA0F0A MURATA1-SAWFD1G90KA0F0A Datasheet
383Kb / 10P
SAW FILTER FOR TD-SCDMA
Sep. 28 2017
SAWFD1G90LA0F0A MURATA1-SAWFD1G90LA0F0A Datasheet
292Kb / 10P
SAW FILTER FOR TD-SCDMA
Sep. 29, 2010
logo
Transko Electronics, In...
TA1900BQ1 TRANSKO-TA1900BQ1 Datasheet
523Kb / 5P
TD-SCDMA, RF SAW Filter
Revision 0: October 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com