Electronic Components Datasheet Search
  English  ▼

X  

UPD16814GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16814GS
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16814GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16814GS Datasheet HTML 1Page - Renesas Technology Corp UPD16814GS Datasheet HTML 2Page - Renesas Technology Corp UPD16814GS Datasheet HTML 3Page - Renesas Technology Corp UPD16814GS Datasheet HTML 4Page - Renesas Technology Corp UPD16814GS Datasheet HTML 5Page - Renesas Technology Corp UPD16814GS Datasheet HTML 6Page - Renesas Technology Corp UPD16814GS Datasheet HTML 7Page - Renesas Technology Corp UPD16814GS Datasheet HTML 8Page - Renesas Technology Corp UPD16814GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16814
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
DESCRIPTION
The
µPD16814GS is a monolithic dual H bridge driver circuit employing a power MOS FET for its driver stage. By
complementing the P channel and N channel of the output stage, the circuit current is substantially improved as
compared with that of the conventional charge pump driver.
Because the dual H bridge driver circuits at the output stage are independent of each other, this IC is ideal as the
driver circuit for a 1- to 2-phase excitation bipolar driving stepping motor for the head actuator of an FDD.
FEATURES
•
Low ON resistance (sum of ON resistance of top and bottom FETs)
RON1 = 2.0
Ω TYP.
•
Low current consumption: IDD = 100
µA MAX.
•
Four input modes independently controlling dual H bridge drivers
•
Stop and Brake modes selectable
•
Surface-mount mini-mold package: 16-pin plastic SOP (300 mil)
PIN CONFIGURATION (Top View)
VM1
1A
PGND1
2A
VDD
IN1
IN3
IN2
NC
1B
PGND2
2B
VM2
SEL
IN4
DGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ORDERING INFORMATION
Part Number
Package
µPD16814GS
16-pin plastic SOP (300 mil)
The information in this document is subject to change without notice.
Document No. S10112EJ4V0DS00 (4th edition)
Date Published August 1997 N
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com