Electronic Components Datasheet Search
  English  ▼

X  

CD74ACT139E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT139E
Description  DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT139E Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT139E Datasheet HTML 1Page - Texas Instruments CD74ACT139E Datasheet HTML 2Page - Texas Instruments CD74ACT139E Datasheet HTML 3Page - Texas Instruments CD74ACT139E Datasheet HTML 4Page - Texas Instruments CD74ACT139E Datasheet HTML 5Page - Texas Instruments CD74ACT139E Datasheet HTML 6Page - Texas Instruments CD74ACT139E Datasheet HTML 7Page - Texas Instruments CD74ACT139E Datasheet HTML 8Page - Texas Instruments CD74ACT139E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CD54ACT139, CD74ACT139
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCHS337 – MARCH 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D AC Types Feature 1.5-V to 5.5-V Operation
and Balanced Noise Immunity at 30% of the
Supply Voltage
D Buffered Inputs
D Incorporate Two Enable Inputs to Simplify
Cascading and/or Data Reception
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
The ’ACT139 devices are dual 2-line to 4-line decoders/demultiplexers designed for 4.5-V to 5.5-V VCC
operation. These devices are designed to be used in high-performance memory-decoding or data-routing
applications requiring very short propagation delay times. In high-performance memory systems, these
decoders can be used to minimize the effects of system decoding. When used with high-speed memories
utilizing a fast enable circuit, the delay times of these decoders and the enable time of the memory usually are
less than the typical access time of the memory. This means that the effective system delay introduced by the
decoders is negligible.
The active-low enable (G) input can be used as a data line in demultiplexing applications. These
decoders/demultiplexers feature fully buffered inputs, each of which represents only one normalized load to its
driving circuit.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT139E
CD74ACT139E
55
°Cto125°C
SOIC
M
Tube
CD74ACT139M
ACT139M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74ACT139M96
ACT139M
CDIP – F
Tube
CD54ACT139F3A
CD54ACT139F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
1A
1B
1Y0
1Y1
1Y2
1Y3
GND
VCC
2G
2A
2B
2Y0
2Y1
2Y2
2Y3
CD54ACT139 ...F PACKAGE
CD74ACT139 . . . E OR M PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74ACT139E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT139E TI-CD74ACT139E Datasheet
31Kb / 7P
Dual 2-to-4-Line Decoder/Demultiplexer
CD74ACT139E TI-CD74ACT139E Datasheet
869Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139E TI2-CD74ACT139E Datasheet
409Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
MARCH 2003
CD74ACT139E.A TI2-CD74ACT139E.A Datasheet
409Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
MARCH 2003
CD74ACT139EE4 TI-CD74ACT139EE4 Datasheet
869Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - CD74ACT139E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS139 AEROFLEX-UT54ACS139 Datasheet
248Kb / 10P
Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN74AHC139 TI1-SN74AHC139_15 Datasheet
1Mb / 22P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com