Electronic Components Datasheet Search
  English  ▼

X  

PHN203 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PHN203
Description  Dual N-channel TrenchMOS logic level FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHN203 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PHN203 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHN203 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHN203 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHN203 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHN203 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHN203 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHN203 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHN203 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHN203 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
PHN203
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 05 — 27 April 2010
2 of 13
Nexperia
PHN203
Dual N-channel TrenchMOS logic level FET
2.
Pinning information
3.
Ordering information
4.
Limiting values
[1]
Single device conducting.
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S1
source1
SOT96-1 (SO8)
2
G1
gate1
3S2
source2
4
G2
gate2
5D2
drain2
6D2
drain2
7D1
drain1
8D1
drain1
4
5
1
8
D1
mbk725
G1
S1
D1
D2
G2
S2
D2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PHN203
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
--30
V
VDGR
drain-gate voltage
Tj ≤ 150 °C; Tj ≥ 25 °C; RGS =20kΩ
--30
V
VGS
gate-source voltage
-20
-
20
V
ID
drain current
Tamb = 70 °C; pulsed; see Figure 1
[1]
--5
A
Tamb = 25 °C; pulsed; see Figure 1;
see Figure 3
[1]
--6.3
A
IDM
peak drain current
tp ≤ 10 µs; pulsed; Tamb =25°C;
see Figure 3
[1]
--18
A
Ptot
total power dissipation
Tamb = 25 °C; pulsed; see Figure 2
[1]
--2
W
Tstg
storage temperature
-55
-
150
°C
Tj
junction temperature
-55
-
150
°C
Source-drain diode
IS
source current
Tamb = 25 °C; pulsed
[1]
--2
A
ISM
peak source current
tp ≤ 10 µs; pulsed; Tamb =25°C
[1]
--4.1
A
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source
avalanche energy
VGS =10V; Tj(init) =25°C; ID =8.7 A;
Vsup ≤ 30 V; unclamped; tp = 0.2 ms;
RGS =50 Ω
-
-
37.8
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com