Electronic Components Datasheet Search
  English  ▼

X  

PHN210 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PHN210
Description  Dual N-channel enhancement mode TrenchMOSTM transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHN210 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PHN210 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
Dual N-channel enhancement mode
PHN210
TrenchMOS
TM transistor
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical transfer characteristics.
I
D = f(VGS); parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID) ; parameter Tj
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj)
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Drain-Source Voltage, VDS (V)
Drain Current, ID (A)
3.2 V
3.4 V
4 V
Tj = 25 C
VGS = 20 V
3.6 V
3.8 V
5V
10 V
4.2 V
0
1
2
3
4
5
6
01
2345
678
9
10
Drain current, ID (A)
Transconductance, gfs (S)
Tj = 25 C
150 C
0
0.1
0.2
0.3
0.4
0.5
012
34567
89
10
Drain Current, ID (A)
Drain-Source On Resistance, RDS(on) (Ohms)
VGS =5 V
4.2 V
20V
Tj = 25 C
3.8V
4 V
3.6 V
10V
3.2 V
3.4 V
-50
0
50
100
150
0
0.5
1
1.5
2
SOT223 30V Trench
Tj / C
a
Normalised RDS(ON) = f(Tj)
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Gate-source voltage, VGS (V)
Drain current, ID (A)
VDS > ID X RDS(ON)
Tj = 25 C
150 C
-60
-40
-20
0
20
40
60
80
100 120 140
Tj / C
VGS(TO) / V
4
3
2
1
0
max.
typ.
min.
January 2002
4
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com