Electronic Components Datasheet Search
  English  ▼

X  

2N2605 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N2605
Description  PNP SILICON LOW POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2605 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N2605 Datasheet HTML 1Page - Microsemi Corporation 2N2605 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP SILICON LOW POWER TRANSISTOR
Qualified per MIL-PRF-19500/354
Devices
Qualified Level
2N2604
2N2605
JAN, JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N2604
2N2605
Units
Collector-Base Voltage
VCBO
80
70
Vdc
Collector-Emitter Voltage
VCEO
60
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current
IC
30
mAdc
Total Power Dissipation
@ TA = +25
0C(1)
PT
400
mW/
0C
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
0.437
0C/mW
1) Derate linearly 2.28 mW/
0C above TA = +250C
TO-46*
(TO-206AB)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
IC = 10 µAdc
2N2604
2N2605
V(BR)CBO
80
70
Vdc
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
V(BR)CEO
60
Vdc
Emitter-Base Breakdown Current
IE = 10 µAdc
V(BR)EBO
6.0
Vdc
Collector-Base Cutoff Current
VCB = 50 Vdc
ICBO
10
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
2.0
ηAdc
Collector-Emitter Cutoff Current
VCE = 50 Vdc
ICES
10
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N2605

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N2605 SEMICOA-2N2605 Datasheet
30Kb / 1P
Chip Type 2C2605 Geometry 0220 Polarity NPN
logo
Central Semiconductor C...
2N2605 CENTRAL-2N2605 Datasheet
54Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N2605 MICROSEMI-2N2605 Datasheet
157Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
logo
Seme LAB
2N2605CSM SEME-LAB-2N2605CSM Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1
logo
Microsemi Corporation
2N2605UB MICROSEMI-2N2605UB Datasheet
157Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
More results

Similar Description - 2N2605

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1132 MICROSEMI-2N1132 Datasheet
56Kb / 3P
LOW POWER PNP SILICON TRANSISTOR
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
PNP LOW POWER SILICON TRANSISTOR
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
Microsemi Corporation
2N2604 MICROSEMI-2N2604_1 Datasheet
157Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
2N3250A MICROSEMI-2N3250A_1 Datasheet
135Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
2N3867 MICROSEMI-2N3867_1 Datasheet
121Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
JANS2N3867 MICROSEMI-JANS2N3867 Datasheet
121Kb / 4P
PNP SILICON LOW POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com