Electronic Components Datasheet Search
  English  ▼

X  

19122000 Datasheet(PDF) 1 Page - Lapp.

Part # 19122000
Description  EPIC® H-B 24 TGB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

19122000 Datasheet(HTML) 1 Page - Lapp.

  19122000 Datasheet HTML 1Page - Lapp. 19122000 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
19122000
DATA SHEET
Valid from:
17.09.2018
EPIC® H-B 24 TGB
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB19122000EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Ideal for many applications due to a wide range of housings and
inserts
General Characteristics
Series
H-B 24
Version
Locking
Gland body
Cable entry
Hood M25 / M32 (Article 19112000)
Double lever
No
Straight
Protection (DIN EN 60529)
IP 65 (latched)
Protection (NEMA 250, UL50E)
12 (latched)
Temperature Range
-40°C to +100°C, short term up to +125°C
Materials and Surfaces
Housing
Bolt
Lever
Aluminium alloy, powder-coated, grey
Heat-treatable steel, zinc-plated
Steel, zinc-plated
Approvals
VDE-Approval, VDE-REG.-Nr.
B437
Standard
Safety Standard
IEC 61984


Similar Part No. - 19122000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1912207 PHOENIX-1912207 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 4-STF-5,08
Jul 20, 2022
More results

Similar Description - 19122000

ManufacturerPart #DatasheetDescription
logo
Lapp.
19121000 LAPP-19121000 Datasheet
125Kb / 2P
EPIC® H-B 24 TG
29.08.2022
10102000 LAPP-10102000 Datasheet
124Kb / 2P
EPIC® H-B 24 AG
17.09.2018
10105000 LAPP-10105000 Datasheet
137Kb / 2P
EPIC® H-B 24 SGRL
17.09.2018
10121000 LAPP-10121000 Datasheet
141Kb / 2P
EPIC® H-B 24 TG
17.09.2018
10127000 LAPP-10127000 Datasheet
129Kb / 2P
EPIC® H-B 24 TBF
17.09.2018
70135200 LAPP-70135200 Datasheet
134Kb / 2P
EPIC® H-B 24 SGRH
17.09.2018
70150400 LAPP-70150400 Datasheet
135Kb / 2P
EPIC® H-B 24 TGH
17.09.2018
70155400 LAPP-70155400 Datasheet
137Kb / 2P
EPIC® H-B 24 TGBH
17.09.2018
79140400 LAPP-79140400 Datasheet
141Kb / 2P
EPIC® H-B 24 TBFH
17.09.2018
79157400 LAPP-79157400 Datasheet
130Kb / 2P
EPIC® H-B 24 TSBH
17.09.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com