Electronic Components Datasheet Search
  English  ▼

X  

19563200 Datasheet(PDF) 1 Page - Lapp.

Part # 19563200
Description  EPIC® H-A 16 TBF-LB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

19563200 Datasheet(HTML) 1 Page - Lapp.

  19563200 Datasheet HTML 1Page - Lapp. 19563200 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
19563000
DATA SHEET
Valid from:
17.09.2018
EPIC® H-A 16 TBF-LB
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB19563000EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
These connectors are attractive because of their compact housing.
Small and compact for applications with high number of contacts
General characteristics
Series
H-A 16
Version
Cable coupler hood
Locking
single lever
Cable entry
straight
Protection (DIN EN 60529)
IP 65 (latched)
Protection (NEMA 250, UL50E)
4, 12 (latched)
Temperature range
-40°C to +100°C, short-term up to +125°C
Product variations
Article no.
Thread
19563000
M20
19563200
M25
Materials and surfaces
Housing
Aluminium alloy, powder-coated, grey
Lever
Steel, zinc-plated
Approvals
VDE-Approval, VDE-REG.-Nr.
B437
Standards
Safety Standard
IEC 61984


Similar Part No. - 19563200

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1956320000 WEIDMULLER-1956320000 Datasheet
648Kb / 6P
BLZP 5.00HC/07/180LR SN OR BX
More results

Similar Description - 19563200

ManufacturerPart #DatasheetDescription
logo
Lapp.
10086000 LAPP-10086000 Datasheet
129Kb / 2P
EPIC® H-B 16 TBF
17.09.2018
10127900 LAPP-10127900 Datasheet
134Kb / 2P
EPIC® H-B 24 TBF-LB
17.09.2018
10567100 LAPP-10567100 Datasheet
131Kb / 2P
EPIC® H-A 16 SGR-LB
17.09.2018
19086900 LAPP-19086900 Datasheet
129Kb / 2P
EPIC® H-B 16 TBF-LB
17.09.2018
10439000 LAPP-10439000 Datasheet
132Kb / 2P
EPIC® H-A 10 TBF-LB
18.09.2018
10462000 LAPP-10462000 Datasheet
118Kb / 2P
EPIC® H-A 16 AG-LB
17.09.2018
10568100 LAPP-10568100 Datasheet
131Kb / 2P
EPIC® H-A 16 SGRL-LB
17.09.2018
70474000 LAPP-70474000 Datasheet
127Kb / 2P
EPIC® H-A 16 AD-LB
17.09.2018
70480200 LAPP-70480200 Datasheet
132Kb / 2P
EPIC® H-A 16 TBFH-LB
17.09.2018
70485200 LAPP-70485200 Datasheet
141Kb / 2P
EPIC® H-A 16 SDR-LB
17.09.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com