Electronic Components Datasheet Search
  English  ▼

X  

19582000 Datasheet(PDF) 1 Page - Lapp.

Part # 19582000
Description  EPIC® H-A 32 TG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

19582000 Datasheet(HTML) 1 Page - Lapp.

  19582000 Datasheet HTML 1Page - Lapp. 19582000 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
19582000
DATA SHEET
Valid from:
29.08.2022
EPIC® H-A 32 TG
Creator: BEGE1/PDP
Released: IVSE1/PDP
Document: DB19582000EN
Version: 00
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
The large, robust housing for two inserts of size 16.
General Characteristics
Series
H-A 32
Version
Hood
Locking
Bolts for double lever
Cable entry
1x straight, see table
Gland body
See table
Protection (DIN EN 60529)
IP 65 (latched)
Temperature Range
-40°C to +100°C, short term up to +125°C
Materials / Surfaces
Housing
Aluminium alloy, powder-coated, grey
Locking
Steel, zinc-plated
Gland body
Brass, nickel-plated
Standard
Safety Standard
IEC 61984
Versions
Article number Article description
Cable entry
Gland body
10582000
EPIC® H-A 32 TG 21 ZW
Pg 21
Yes
10582001
EPIC® H-A 32 TG 21
Pg 21
No
10583000
EPIC® H-A 32 TG 29 ZW
Pg 29
Yes
19582000
EPIC® H-A 32 TG M25
M25
No
19583000
EPIC® H-A 32 TG M32
M32
No
79520600
EPIC® H-A 32 TG M40
M40
No


Similar Part No. - 19582000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1958230000 WEIDMULLER-1958230000 Datasheet
400Kb / 6P
BLZP 5.00HC/08/90 SN OR BX
1958230000 WEIDMULLER-1958230000 Datasheet
79Kb / 4P
BLZP 5.00/07/90 SN BK BX
1958230000 WEIDMULLER-1958230000 Datasheet
79Kb / 4P
BLZP 5.00/11/90 SN BK BX
logo
PHOENIX CONTACT
1958245 PHOENIX-1958245 Datasheet
208Kb / 7P
DFK-MSTB 2,5/ 4-G-5,08 ABGY AU - Feed-through header
logo
Weidmuller
1958250000 WEIDMULLER-1958250000 Datasheet
79Kb / 4P
BLZP 5.00/07/90 SN BK BX
More results

Similar Description - 19582000

ManufacturerPart #DatasheetDescription
logo
Lapp.
19121000 LAPP-19121000 Datasheet
125Kb / 2P
EPIC® H-B 24 TG
29.08.2022
19134000 LAPP-19134000 Datasheet
128Kb / 2P
EPIC® H-B 32 TG
29.08.2022
19474000 LAPP-19474000 Datasheet
132Kb / 2P
EPIC® H-A 32 SG
29.08.2022
10121000 LAPP-10121000 Datasheet
141Kb / 2P
EPIC® H-B 24 TG
17.09.2018
10446000 LAPP-10446000 Datasheet
123Kb / 2P
EPIC® H-A 10 TG
17.09.2018
10472000 LAPP-10472000 Datasheet
111Kb / 2P
EPIC® H-A 32 AG
29.08.2022
19565000 LAPP-19565000 Datasheet
133Kb / 2P
EPIC® H-A 16 TG
17.09.2018
19631800 LAPP-19631800 Datasheet
122Kb / 2P
EPIC® H-A 48 TG
29.08.2022
70503000 LAPP-70503000 Datasheet
119Kb / 2P
EPIC® H-A 32 AD
29.08.2022
79515200 LAPP-79515200 Datasheet
129Kb / 2P
EPIC® H-A 32 SD
29.08.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com