Electronic Components Datasheet Search
  English  ▼

X  

80RIA40 Datasheet(PDF) 7 Page - International Rectifier

Part # 80RIA40
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80RIA40 Datasheet(HTML) 7 Page - International Rectifier

  80RIA40 Datasheet HTML 1Page - International Rectifier 80RIA40 Datasheet HTML 2Page - International Rectifier 80RIA40 Datasheet HTML 3Page - International Rectifier 80RIA40 Datasheet HTML 4Page - International Rectifier 80RIA40 Datasheet HTML 5Page - International Rectifier 80RIA40 Datasheet HTML 6Page - International Rectifier 80RIA40 Datasheet HTML 7Page - International Rectifier 80RIA40 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
80RIA Series
7
Bulletin I25201 rev. B 03/03
www.irf.com
Fig. 7 - On-state Voltage Drop Characteristics
1
10
100
1000
10000
0.5
1
1.52
2.53
3.5
4
4.5
5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
80RIA Series
Fig. 8 - Thermal Impedance Z
thJC
Characteristics
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Sq uare Wave Pulse Duration (s)
80RIA Series
Steady State Value
R
= 0.30 K/ W
(DC Operation)
thJC
Fig. 9 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1)
(2)
(3)
Instantaneous Gate Current (A)
Rectangular gate pulse
a) Recommended load line for
b) Recommended load line for
Frequency Limited by PG(AV)
tr<=1 µs
rated di/ dt : 20V, 30ohms; tr<=0.5 µs
<=30%rated di/ dt : 20V, 65ohms
(1) PGM = 100W, tp = 500µs
(2) PGM = 50W, tp = 1ms
(3) PGM = 20W, tp = 2.5ms
(4) PGM = 10W, tp = 5ms
Device: 80RIA Series
(4)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com