Electronic Components Datasheet Search
  English  ▼

X  

21700136 Datasheet(PDF) 2 Page - Lapp.

Part # 21700136
Description  ETHERLINE ACCESS M08T02(S*)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

21700136 Datasheet(HTML) 2 Page - Lapp.

  21700136 Datasheet HTML 1Page - Lapp. 21700136 Datasheet HTML 2Page - Lapp. 21700136 Datasheet HTML 3Page - Lapp. 21700136 Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
21700136
DATA SHEET
Valid from:
17.06.2020
ETHERLINE ACCESS M08T02(S*)
Creator: FELI1/PDP
Released: IVSE1/PDP
Document: DB21700136EN
Version: 00
Page 2 of 4
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Protocol
Switching:
VLAN, PVLAN, GVRP, Port Aggregation, LACP, Port
FlowControl, ACL Rate Limiter, QoS Storm Policing
Redundancy:
DT-Ring, DT-Ring+, DT-VLAN, DRP/DHP, STP / RSTP /
MSTP
Multicast:
IGMP Snooping, GMRP, Static multicast
Network safety:
HTTPS/SSL, SSH, TACACS+, RADIUS, User Classification,
MAC-adress binding with switch ports
Service Quality:
QoS, DSCP, SP, WRR Queue scheduling, ACL
Industry:
Ethernet/IP, Modbus/TCP
Management
Management and maintenance:
Console, Telnet, Web-Interface, SNMPv1/v2c/v3, loop
detection, RMON, port mirroring, Syslog, LLDP, Link-
check, automatic configuration backup and restore tool
Alarm:
Power, IP/MAC-conflict, memory/CPU-usage, port, ring,
port traffic, CRC error, packet lose, RX/TX performance
alarm from SFP-Ports, DDMI for SFP-Ports
IP-Management:
DHCP server/snooping/client, DHCP Option 82, ARP
Time Management:
SNTP Client, PTP
MTBF (mean time between failures)
1.662.791 Std @ Telcordia (Bellcore), GB (M08T02SFP)
1.667.326 Std @ Telcordia (Bellcore), GB (M08T02GSFP)
Variation
Article
Description
SFP-Type (S*) [max. transmission rate]
21700136
ETHERLINE ACCESS M08T02SFP
100 Mbit
21700137
ETHERLINE ACCESS M08T02GSFP
1 GBit
Power requirements
Connection
1 removable 5-pole terminal block
Input voltage
24-48 V DC (18-60V DC)
Power Consumption (max.)
12 W
Input current (max.)
0.67 A
Overload current protection
support
Reverse polarity protection
support
Redundancy protection
support
Physical properties
Housing
metal
IP class
IP40
Weight
1.1 kg
Installation
DIN-rail mounting



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com