Electronic Components Datasheet Search
  English  ▼

X  

21700540 Datasheet(PDF) 1 Page - Lapp.

Part # 21700540
Description  Field-Terminable Connector RJ45 Cat.5e FM45
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

21700540 Datasheet(HTML) 1 Page - Lapp.

  21700540 Datasheet HTML 1Page - Lapp. 21700540 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21700540
DATA SHEET
Valid from:
25.08.2023
Field-Terminable Connector RJ45 Cat.5e FM45
Document: DB21700540EN
Version: 03
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Tool-free switchable, field-terminable RJ45-connector
IDC-contacting, Cat.5e
Can be re-switched, tension-resistant and vibration-
resistant
For screened as well as unscreened cables up to 8 mm
diameter
General characteristics
Pol number
8
Type of connection
IDC-crimping technology
Temperature range (operation)
-20 °C to 70 °C (-4 °F to 158 °F)
Mechanical characteristics
Degree of soiling
2
Cable strain relief
>50 N
Housing, colour
Grey, similar RAL 7042
Allowable wire Ø
0,4 mm to 0,54 mm (AWG 26 – AWG 23)
conditional 0,64 mm (AWG 22)
Allowable strand Ø
0,12 mm2 to 0,32 mm2 (AWG 26/7 – AWG 22/7)
Outer sheath Ø
4,5 mm to 8,0 mm
Electrical characteristics
Rated current IN
1,55 A @ 20°C
Standard
Connectors for electronic equipment – part 7
IEC 60603-7
Connectors for electronic equipment – part 7-3
IEC 60603-7-3
Information technology – generic cabling for
customer premises
ISO/IEC 11801


Similar Part No. - 21700540

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217005 LITTELFUSE-217005 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
217005 LITTELFUSE-217005 Datasheet
224Kb / 2P
5 x 20 mm Fast-Acting Fuse
217005 LITTELFUSE-217005 Datasheet
133Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
logo
Lapp.
21700502 LAPP-21700502 Datasheet
99Kb / 2P
ED-PB-90--FC
17.09.2018
21700503 LAPP-21700503 Datasheet
103Kb / 1P
ED-PB-90-PG
17.09.2018
More results

Similar Description - 21700540

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1225024-25 QUALTEK-1225024-25 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225025-01 QUALTEK-1225025-01 Datasheet
429Kb / 1P
CAT 5e UTP 8P8C
1225034-07 QUALTEK-1225034-07 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
1225043-20 QUALTEK-1225043-20 Datasheet
430Kb / 1P
CAT 5e UTP 8P8C
logo
List of Unclassifed Man...
ECF504-SC5E ETC2-ECF504-SC5E Datasheet
72Kb / 1P
KIT, PANEL COUPLER, DELUXE, CAT 5E SHLD RJ45
logo
PowerDynamics, Inc
3350A21230 POWERDYNAMICS-3350A21230 Datasheet
440Kb / 1P
Waterproof Cat. 5e RJ45 Jack With IDC (IP68)
3351D00030 POWERDYNAMICS-3351D00030 Datasheet
320Kb / 1P
Waterproof Cat. 5e RJ45 Jack (IP68)
3351D00130 POWERDYNAMICS-3351D00130 Datasheet
388Kb / 1P
Waterproof Cat. 5e RJ45 Jack With Wafer (IP68)
logo
IOGEAR
GH8201ER IOGEAR-GH8201ER Datasheet
136Kb / 2P
Cat 5e / Cat 6 Receiver with HDMI connector
logo
Bel Fuse Inc.
CT200001 BEL-CT200001 Datasheet
150Kb / 1P
FIELD TERMINABLE SC CONNECTOR UPC
Rev. A0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com