Electronic Components Datasheet Search
  English  ▼

X  

80RIA80 Datasheet(PDF) 3 Page - International Rectifier

Part # 80RIA80
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80RIA80 Datasheet(HTML) 3 Page - International Rectifier

  80RIA80 Datasheet HTML 1Page - International Rectifier 80RIA80 Datasheet HTML 2Page - International Rectifier 80RIA80 Datasheet HTML 3Page - International Rectifier 80RIA80 Datasheet HTML 4Page - International Rectifier 80RIA80 Datasheet HTML 5Page - International Rectifier 80RIA80 Datasheet HTML 6Page - International Rectifier 80RIA80 Datasheet HTML 7Page - International Rectifier 80RIA80 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
80RIA Series
3
Bulletin I25201 rev. B 03/03
www.irf.com
di/dt
Max. non-repetitive rate of rise
T
J
= 125°C, Vd = rated V
DRM
, I
TM
= 2xdi/dt snubber
of turned-on current
300
A/µs
0.2µF, 15
Ω, Gate pulse: 20V, 65Ω, t
p
= 6µs, t
r
= 0.5µs
Per JEDEC Standard RS-397, 5.2.2.6.
Gate pulse: 10V, 15
Ω source, t
p
= 6µs, t
r
= 0.1µs,
Vd = rated VDRM, I
TM
= 50Adc, TJ = 25°C.
I
TM
= 50A, T
J
= T
J
max, di/dt = -5A/µs min., V
R
= 50V,
dv/dt = 20V/µs, Gate bias: 0V 25
Ω, t
p
= 500µs
dv/dt
Maximum critical rate of rise of
off-state voltage
I
RRM
Max. peak reverse and off-state
I
DRM
leakage current
Blocking
Parameter
80RIA
Units
Conditions
15
mA
T
J
= 125°C rated V
DRM
/V
RRM
applied
P
GM
Maximum peak gate power
12
T
J
= T
J
max, t
p ≤
5ms
P
G(AV)
Maximum average gate power
3
T
J
= T
J
max, f = 50Hz, d% = 50
I
GM
Max. peak positive gate current
3
A
T
J
= T
J
max, t
p ≤
5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
I
GT
Max. DC gate current required
270
T
J
= - 40°C
to trigger
120
mA
T
J
= 25°C
60
T
J
= 125°C
V
GT
Max. DC gate voltage required
3.5
T
J
= - 40°C
to trigger
2.5
V
T
J
= 25°C
1.5
T
J
= 125°C
I
GD
DC gate current not to trigger
6
mA
Parameter
80RIA
Units
Conditions
Triggering
W
20
10
VT
J
= T
J
max, t
p ≤
5ms
V
GD
DC gate voltage not to trigger
0.25
V
Max. gate current/ voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM
anode-to-cathode applied
T
J
= T
J
max
Max. required gate trigger/ cur-
rent/ voltage are the lowest value
which will trigger all units 6V an-
ode-to-cathode applied
Parameter
80RIA
Units
Conditions
Switching
µs
500
V/µs
T
J
= 125°C exponential to 67% rated V
DRM
t
d
Typical delay time
1
t
q
Typical turn-off time
110



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com