Electronic Components Datasheet Search
  English  ▼

X  

21700611 Datasheet(PDF) 1 Page - Lapp.

Part # 21700611
Description  ED-IE-AX-RJ45F-6A-A-FC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

21700611 Datasheet(HTML) 1 Page - Lapp.

  21700611 Datasheet HTML 1Page - Lapp. 21700611 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21700611
DATA SHEET
Valid from:
21.04.2022
ED-IE-AX-RJ45F-6A-A-FC
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB21700611EN
Version: 05
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Product description
Field mountable Industrial Ethernet RJ45-
jack with color coding acc. to T568A
Connector according to IEC 60603-7-5
suitable for industrial applications, for
structured cabling for office building
applications, data centers and home
networks
General properties
Ambient temperature
-40 to +70 °C
Protection degree
IP 20
Outer diameter, cable
5.0 – 9.0 mm
Outer diameter, wire
0.9 – 1.6 mm
Termination cross section, stranded, 7 wires
AWG27/7 – AWG22/7
Termination cross section, solid
AWG26/1 – AWG22/1
Mechanical properties
Insertion force
≤ 30 N
Mating cycles
≥ 750
Electrical properties
Rated voltage
60 VDC (max.)
Contact resistance
≤ 20 mΩ
Insulation resistance
≥ 500 MΩ
Proof voltage, contact-contact
≥ 1000 V, DC
Proof voltage, contact-shield
≥ 1500 V, DC
Current carrying capacity at 50 °C
1 A
Suitable for Power over Ethernet+
acc. to IEEE 802.3at
yes
Suitable for Power over Ethernet 4PPoE
acc. to IEEE 802.3bt
yes
Transmission properties
Category (ISO)
6
Materials
Inflammability class according to UL 94
V0
Connector housing, material
Zink diecast Ni plated
Stop hook, material
Stainless steel
Snap arm for cable trap, material
PC black
Slide for shield contact, material
PC black
Shield, material
German silver
Wire pair presorting, material
PBT nature
Insulating plate, material
PC white
Insulation body, material
PC white
PCB, material
FR4, tin-plated


Similar Part No. - 21700611

ManufacturerPart #DatasheetDescription
logo
Lapp.
21700613 LAPP-21700613 Datasheet
129Kb / 3P
EPIC® DATA HS RJ45 F 10G A
21.04.2022
21700617 LAPP-21700617 Datasheet
182Kb / 3P
ED-IE-M12F-X-RM
17.09.2018
More results

Similar Description - 21700611

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2985945 PHOENIX-2985945 Datasheet
84Kb / 3P
AX OPC SERVER
logo
Lapp.
2170583 LAPP-2170583 Datasheet
233Kb / 2P
ETHERLINE® PN Cat.6A Y FC 4x2x23/1AWG
13.01.2020
21700502 LAPP-21700502 Datasheet
99Kb / 2P
ED-PB-90--FC
17.09.2018
21700538 LAPP-21700538 Datasheet
139Kb / 1P
ED-CAN-AX
17.09.2018
21700600 LAPP-21700600 Datasheet
305Kb / 2P
ED-IE-AX-6A-A-20-FC
08.07.2021
21700617 LAPP-21700617 Datasheet
182Kb / 3P
ED-IE-M12F-X-RM
17.09.2018
21700621 LAPP-21700621 Datasheet
115Kb / 2P
ED-IE-AX-M12XF-6A-67-FC
20.02.2020
21700633 LAPP-21700633 Datasheet
136Kb / 2P
EPIC® DATA ED-IE-RJ45F-AC-DC
17.09.2018
21700647 LAPP-21700647 Datasheet
121Kb / 2P
ED-IE-AX-M12D-5-PN-67-FC
06.07.2023
21700648 LAPP-21700648 Datasheet
121Kb / 2P
ED-IE-AX-M12D-5-67
06.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com