Electronic Components Datasheet Search
  English  ▼

X  

HVD147 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVD147
Description  Silicon Epitaxial Trench Pin Diode for Antenna Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVD147 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVD147 Datasheet HTML 1Page - Renesas Technology Corp HVD147 Datasheet HTML 2Page - Renesas Technology Corp HVD147 Datasheet HTML 3Page - Renesas Technology Corp HVD147 Datasheet HTML 4Page - Renesas Technology Corp HVD147 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00 Oct 20, 2004 page 1 of 4
HVD147
Silicon Epitaxial Trench Pin Diode for Antenna Switching
REJ03G0392-0200
Rev.2.00
Oct 20, 2004
Features
• Adopting the trench structure improves low capacitance.(C = 0.31 pF max)
• Low forward resistance. (rf = 1.5 Ω max)
• Low operation current.
• Super small Flat Package (SFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVD147
L1
SFP
Pin Arrangement
Cathode mark
Mark
1. Cathode
2. Anode
1
2
L1


Similar Part No. - HVD147

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Hitachi Semiconductor
HVD142 HITACHI-HVD142 Datasheet
36Kb / 6P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Guangdong Kexin Industr...
HVD142 KEXIN-HVD142 Datasheet
32Kb / 1P
Silicon Epitaxial Planar Pin Diode
logo
Renesas Technology Corp
HVD142A RENESAS-HVD142A Datasheet
58Kb / 6P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD144A RENESAS-HVD144A Datasheet
79Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
More results

Similar Description - HVD147

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC136 HITACHI-HVC136 Datasheet
25Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
logo
Renesas Technology Corp
HVD144A RENESAS-HVD144A Datasheet
79Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD148 RENESAS-HVD148 Datasheet
50Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147 Datasheet
82Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147M RENESAS-HVL147M Datasheet
161Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
RKP201KN RENESAS-RKP201KN Datasheet
158Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL144A RENESAS-HVL144A Datasheet
67Kb / 6P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL147 RENESAS-HVL147_06 Datasheet
56Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVL148 RENESAS-HVL148 Datasheet
155Kb / 5P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
HVD135 RENESAS-HVD135 Datasheet
80Kb / 8P
Silicon Epitaxial Trench Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com