Electronic Components Datasheet Search
  English  ▼

X  

16244 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 16244
Description  16 Character by 2 Line Alphanumeric LCD Assembly With Embedded Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16244 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 16244 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16244 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16244 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16244 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16244 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16244 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16244 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16244 Datasheet HTML 10Page - List of Unclassifed Manufacturers 16244 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16244
• Read Mode
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test pin
E cycle time
tC
500
---
---
ns
E
E rise time
tr
---
---
25
ns
E
E fall time
tf
---
---
25
ns
E
E pulse width
tW
220
---
---
ns
E
R/W and RS set-up time
tSU
40
---
---
ns
R/W, RS
R/W and RS hold time
th
10
---
---
ns
R/W, RS
Data output delay time
tD
---
---
120
ns
DB0 ~ DB7
Data hold time
tDH
20
---
---
ns
DB0 ~ DB7
PACIFIC DISPLAY DEVICES
11.07.2005
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com