Electronic Components Datasheet Search
  English  ▼

X  

12CWQ04FN Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 12CWQ04FN
Description  12CWQ04FN SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

12CWQ04FN Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  12CWQ04FN Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 12CWQ04FN Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 12CWQ04FN Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 12CWQ04FN Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0658, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
12CWQ04FN
12CWQ04FN SCHOTTKY RECTIFIER
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
40
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @TC = 100°C,
rectangular wave form
6(peg leg)
A
12(peg device)
Peak One Cycle Non-Repetitive Surge
Current(peg leg)
IFSM
8.3 ms, half Sine pulse
84
A
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop
(per leg) *
VF1
@ 6A, Pulse, TJ = 25 C
0.50
0.53
V
VF2
@ 6A, Pulse, TJ = 125 C
0.42
0.48
V
Reverse Current (per leg) *
IR1
@VR = rated VR , TJ = 25 C
0.03
1.0
mA
IR2
@VR = rated VR, TJ = 125 C
4
40
mA
Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
350
405
pF
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Electrical Characteristics:
Small foot print, surface mountable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
Green products in compliance with the ROHS directive
“-A” is an AEC-Q101 qualified device
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Disk drives
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Battery charging
DPAK


Similar Part No. - 12CWQ04FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CWQ04FN IRF-12CWQ04FN Datasheet
170Kb / 6P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
12CWQ04FN SMC-12CWQ04FN Datasheet
155Kb / 5P
SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
12CWQ04FN ISC-12CWQ04FN Datasheet
277Kb / 2P
Schottky Rectifier
logo
Vishay Siliconix
12CWQ04FN-M3 VISHAY-12CWQ04FN-M3 Datasheet
144Kb / 7P
Schottky Rectifier, 2 x 6 A
03-Nov-10
12CWQ04FN-M3 VISHAY-12CWQ04FN-M3_12 Datasheet
144Kb / 7P
Schottky Rectifier, 2 x 6 A
03-Nov-10
More results

Similar Description - 12CWQ04FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com