Electronic Components Datasheet Search
  English  ▼

X  

5200FE Datasheet(PDF) 2 Page - Belden Inc.

Part # 5200FE
Description  Security & Sound, 2 Conductor 16 AWG, BC, Shielded, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5200FE Datasheet(HTML) 2 Page - Belden Inc.

  5200FE Datasheet HTML 1Page - Belden Inc. 5200FE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Pull Tension:
85.5 lbs (38.8 kg)
Bulk Cable Weight:
24 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Riser, Indoor
Flammability / Reaction to Fire:
UL 1666 Riser, FT4, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 800, CMR
CEC / C(UL) Compliance:
CMG
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
6200FE
History
Update and Revision:
Revision Number: 0.511 Revision Date: 04-13-2023
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC/EAN
Footnote
5200FE 0101000
Black
Reel
1,000 ft
612825446002
5200FE 010Z1000 Black
ReelTuff Box 1,000 ft
612825157335
5200FE 0061000
Blue, Light
Reel
1,000 ft
612825350446
5200FE.00152
Chrome
Reel
152 m
8719605007940
5200FE.00305
Chrome
Reel
305 m
8719605007964
5200FE.00U305
Gray
Reel
305 m
8719605007971
5200FE 008500
Gray
Reel
500 ft
612825157274
C
5200FE 008U500
Gray
UnReel
500 ft
612825423485
5200FE 0081000
Gray
Reel
1,000 ft
612825157304
C
5200FE 008U1000 Gray
UnReel
1,000 ft
612825157281
5200FE 008Z1000 Gray
ReelTuff Box 1,000 ft
612825350453
5200FE.001500
Gray
Reel
1,500 m 8719605007933
5200FE.001525
Gray
Reel
1,525 m 8719605007957
5200FE 0051000
Green, Dark Reel
1,000 ft
612825350439
5200FE 0031000
Orange
Reel
1,000 ft
612825350415
5200FE 0021000
Red
Reel
1,000 ft
612825423478
5200FE 002Z1000 Red
ReelTuff Box 1,000 ft
612825350408
5200FE 0071000
Violet
Reel
1,000 ft
612825157298
5200FE 009U1000 White
UnReel
1,000 ft
612825423492
5200FE 0091000
White
Reel
1,000 ft
612825157311
5200FE 009Z1000 White
ReelTuff Box 1,000 ft
612825350460
5200FE 0041000
Yellow
Reel
1,000 ft
612825350422
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com