Electronic Components Datasheet Search
  English  ▼

X  

5300FE Datasheet(PDF) 2 Page - Belden Inc.

Part # 5300FE
Description  Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5300FE Datasheet(HTML) 2 Page - Belden Inc.

  5300FE Datasheet HTML 1Page - Belden Inc. 5300FE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Pull Tension:
58 lbs (26 kg)
Bulk Cable Weight:
18 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Riser, Indoor
Flammability / Reaction to Fire:
UL 1666 Riser, FT4, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 800, CMR
CEC / C(UL) Compliance:
CMG
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
6300FE
History
Update and Revision:
Revision Number: 0.544 Revision Date: 04-13-2023
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC/EAN
Footnote
5300FE 0101000
Black
Reel
1,000 ft 612825158981
5300FE 010U1000 Black
UnReel
1,000 ft 612825423362
5300FE 010Z1000 Black
ReelTuff Box 1,000 ft 612825159025
5300FE 0061000
Blue, Light Reel
1,000 ft 612825350323
5300FE.00152
Chrome
Reel
152 m
8719605008145
5300FE.00305
Chrome
Reel
305 m
8719605008152
5300FE 008500
Gray
Reel
500 ft
612825336754
5300FE 008U500
Gray
UnReel
500 ft
612825423348
5300FE 0081000
Gray
Reel
1,000 ft 612825158974
C
5300FE 008U1000 Gray
UnReel
1,000 ft 612825158950
5300FE 008Z1000 Gray
ReelTuff Box 1,000 ft 612825350330
5300FE 0031000
Orange
Reel
1,000 ft 612825350309
5300FE 0021000
Red
Reel
1,000 ft 612825423331
5300FE 002Z1000 Red
ReelTuff Box 1,000 ft 612825350293
5300FE 0071000
Violet
Reel
1,000 ft 612825158967
5300FE 0091000
White
Reel
1,000 ft 612825423355
5300FE 009Z1000 White
ReelTuff Box 1,000 ft 612825158998
5300FE 0041000
Yellow
Reel
1,000 ft 612825350316
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com