Electronic Components Datasheet Search
  English  ▼

X  

6341PC Datasheet(PDF) 1 Page - Belden Inc.

Part # 6341PC
Description  Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6341PC Datasheet(HTML) 1 Page - Belden Inc.

  6341PC Datasheet HTML 1Page - Belden Inc. 6341PC Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 6341PC
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
Product Description
Security, Pro Audio & Intercom Cable, Plenum-CMP, 2-18 AWG stranded bare copper pairs with FEP insulation, Individually Beldfoil® shielded and
Flamarrest® jacket
Technical Specifications
Product Overview
Suitable Applications:
Pro Audio, Intercom/PA Systems, Security Systems
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
2
18 AWG 7x26
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
FEP - Fluorinated Ethylene Propylene 0.01 in (0.25 mm) 0.066 in (1.7 mm)
Black and Red, Black and White
Inner Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.0165 in (0.419 mm) 0.281 in
Yes
Overall Cable Diameter (Nominal):
0.281 in
Electrical Characteristics
Electricals
Nom. Conductor
DCR
Nom. Inner Shield DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
6.93 Ohm/1000ft
14.4 Ohm/1000ft (47.2 Ohm/km) 44 pF/ft (140 pF/m)
79.2 pF/ft (260 pF/m)
14 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
0°C to +75°C


Similar Part No. - 6341PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6341PC ETC2-6341PC Datasheet
98Kb / 3P
Security, Pro Audio & Intercom Cable, Plenum-CMP, 2-18 AWG stranded bare copper pairs with FEP insulation
6341PC8771000 ETC2-6341PC8771000 Datasheet
98Kb / 3P
Security, Pro Audio & Intercom Cable, Plenum-CMP, 2-18 AWG stranded bare copper pairs with FEP insulation
6341PC877500 ETC2-6341PC877500 Datasheet
98Kb / 3P
Security, Pro Audio & Intercom Cable, Plenum-CMP, 2-18 AWG stranded bare copper pairs with FEP insulation
6341PC877U1000 ETC2-6341PC877U1000 Datasheet
98Kb / 3P
Security, Pro Audio & Intercom Cable, Plenum-CMP, 2-18 AWG stranded bare copper pairs with FEP insulation
More results

Similar Description - 6341PC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
6301FE BELDEN-6301FE Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6342PC BELDEN-6342PC Datasheet
175Kb / 2P
Security & Sound, 3 Pair 18 AWG, BC, Individually Shielded, CMP
12-20-2022
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
6200FE BELDEN-6200FE Datasheet
200Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, Shielded, CMP
04-13-2023
6400FE BELDEN-6400FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, CMP
03-29-2023
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
1326A BELDEN-1326A Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
6300FE BELDEN-6300FE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com