Electronic Components Datasheet Search
  English  ▼

X  

6400FE Datasheet(PDF) 2 Page - Belden Inc.

Part # 6400FE
Description  Security & Sound, 2 Conductor 20 AWG BC, Shielded, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6400FE Datasheet(HTML) 2 Page - Belden Inc.

  6400FE Datasheet HTML 1Page - Belden Inc. 6400FE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Pull Tension:
34 lbs (15 kg)
Bulk Cable Weight:
15 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Plenum, Indoor
Flammability / Reaction to Fire:
NFPA 262, UL 910 (Plenum), FT6
NEC / UL Compliance:
Article 800, CMP
CEC / C(UL) Compliance:
CMP
European Directive Compliance:
EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Non-Plenum Number:
5400FE
History
Update and Revision:
Revision Number: 0.499 Revision Date: 03-29-2023
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC
Footnote
6400FE 006Z1000 Blue, Light ReelTuff Box 1,000 ft 612825423935
6400FE 008Z500
Gray
ReelTuff Box 500 ft
6400FE 008Z1000 Gray
ReelTuff Box 1,000 ft 612825176572
6400FE 005Z1000 Green
ReelTuff Box 1,000 ft 612825423928
6400FE 877Z500
Natural
ReelTuff Box 500 ft
6400FE 8771000
Natural
Reel
1,000 ft 612825176589 C
6400FE 877U1000 Natural
UnReel
1,000 ft 612825423959
6400FE 877Z1000 Natural
ReelTuff Box 1,000 ft 612825176619
6400FE 003Z1000 Orange
ReelTuff Box 1,000 ft 612825423904
6400FE 009U250
White
UnReel
250 ft
612825423942
6400FE 009Z1000 White
ReelTuff Box 1,000 ft 612825176596
6400FE 004Z1000 Yellow
ReelTuff Box 1,000 ft 612825423911
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com