Electronic Components Datasheet Search
  English  ▼

X  

8441 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8441
Description  Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8441 Datasheet(HTML) 1 Page - Belden Inc.

  8441 Datasheet HTML 1Page - Belden Inc. 8441 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8441
Audio, Control and Instrumentation Cable, 1 Pr #22 Str TC, 85% TC Braid,
PVC Jkt, CMG
Product Description
Audio, Control & Instrumentation Cable, 1 Pair 22 AWG (7 x 30) Tinned Copper, PVC insulation, 85% Tinned Copper Braid Shield, PVC Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
Audio/Speaker, Control & Instrumentation
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
1
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.016 in (0.41 mm) Black & Red
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Notes
Braid
Tinned Copper (TC) 85%
22 AWG (19x34) TC Polyester tape under braid
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.025 in (0.64 mm) 0.194 in (4.93 mm)
Overall Cable Diameter (Nominal):
0.194 in (4.93 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Characteristic Impedence
Max. Current
Pair(s)
18.2 Ohm/1000ft
49 pF/ft (160 pF/m)
86 pF/ft (280 pF/m)
45 Ohm
2.9 Amps per conductor @ 25°C
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min. Installation Min.
1.9 in (48 mm)
1.9 in (48 mm)


Similar Part No. - 8441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8441 ETC2-8441 Datasheet
100Kb / 3P
Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
logo
PHOENIX CONTACT
8441 PHOENIX-8441 Datasheet
305Kb / 18P
AXL E PN DI8 DO8 M12 6M
logo
List of Unclassifed Man...
8441010100 ETC2-8441010100 Datasheet
100Kb / 3P
Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
84410101000 ETC2-84410101000 Datasheet
100Kb / 3P
Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
8441010500 ETC2-8441010500 Datasheet
100Kb / 3P
Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
More results

Similar Description - 8441

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8748 BELDEN-8748 Datasheet
160Kb / 2P
Electronic, 9 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8750 BELDEN-8750 Datasheet
159Kb / 2P
Electronic, 27 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8747 BELDEN-8747 Datasheet
160Kb / 2P
Electronic, 6 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8749 BELDEN-8749 Datasheet
160Kb / 2P
Electronic, 15 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9744 BELDEN-9744 Datasheet
180Kb / 2P
Electronic, 2 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9745 BELDEN-9745 Datasheet
160Kb / 2P
Electronic, 3 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8790 BELDEN-8790 Datasheet
166Kb / 2P
Line Level Audio Cable, 1 Pr #18 Str TC, 85% TC Spiral Serve, PVC Jkt, CMG
01-20-2023
8422 BELDEN-8422 Datasheet
177Kb / 2P
Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
01-20-2023
1696A BELDEN-1696A Datasheet
198Kb / 2P
Digital Audio Cable, 1 Pr #22, Str TC, Foil Braid, PVC Jkt
01-20-2023
8722 BELDEN-8722 Datasheet
193Kb / 2P
Audio, Control and Instrumentation Cable, 2 Pr #20 Str TC, 1 Pr Shielded, 1 Pr Unshielded, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com