Electronic Components Datasheet Search
  English  ▼

X  

UPD17207 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD17207
Description  MOS INTEGRATED CIRCUIT
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17207 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD17207 Datasheet HTML 35Page - Renesas Technology Corp UPD17207 Datasheet HTML 36Page - Renesas Technology Corp UPD17207 Datasheet HTML 37Page - Renesas Technology Corp UPD17207 Datasheet HTML 38Page - Renesas Technology Corp UPD17207 Datasheet HTML 39Page - Renesas Technology Corp UPD17207 Datasheet HTML 40Page - Renesas Technology Corp UPD17207 Datasheet HTML 41Page - Renesas Technology Corp UPD17207 Datasheet HTML 42Page - Renesas Technology Corp UPD17207 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
µPD17201A, 17207
37
7.2
FUNCTION OF THE 8-BIT TIMER (WITH MODULO FUNCTION)
Fig. 7-2
8-Bit Timer Control Register
Note
This bit is always set to 1 when the STOP mode is released.
TMCK 1, TMCK 0
0
0
Count clock
: fsys/32
(Test time range : 8
s to 2.048 ms)
Remarks
1
1
TMRES
0
1
Read data is always 0.
Resets 8-bit timer and IRQTM.
Bit 3
Bit 2
Bit 1
Bit 0
TMEN
TMRES
TMCK1
TMCK0
R/W
W
R/W
1Note
00
0
Read/write
Default at reset
R: Read, W: Write
RF: Address 33H
TMEN
0
1
Stops 8-bit timer.
Starts 8-bit timer. (Falling edge)
0
1
0
1
Count clock
: fsys/64
(Test time range : 16
s to 4.096 ms)
Count clock
: fsys/256
(Test time range : 64
s to 16.384 ms)
Output of the remote controller carrier generator
Bit 0
Bit 1
(
) : Value at fsys (system clock) = 4 MHz
R/W
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com