Electronic Components Datasheet Search
  English  ▼

X  

UPD17217 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD17217
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17217 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD17217 Datasheet HTML 19Page - Renesas Technology Corp UPD17217 Datasheet HTML 20Page - Renesas Technology Corp UPD17217 Datasheet HTML 21Page - Renesas Technology Corp UPD17217 Datasheet HTML 22Page - Renesas Technology Corp UPD17217 Datasheet HTML 23Page - Renesas Technology Corp UPD17217 Datasheet HTML 24Page - Renesas Technology Corp UPD17217 Datasheet HTML 25Page - Renesas Technology Corp UPD17217 Datasheet HTML 26Page - Renesas Technology Corp UPD17217 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
21
µPD17215, 17216, 17217, 17218
Data Sheet U12042EJ3V2DS
2.5
Register File (RF)
The register file mainly consists of registers that set the conditions of the peripheral hardware.
These registers can be controlled by dedicated instructions PEEK and POKE, and the embedded macro instructions of
AS17K, SETn, CLRn, and INITFLG.
2.5.1
Configuration of register file
Fig. 2-8 shows the configuration of the register file and how the register file is accessed by the PEEK and POKE
instructions.
The control registers are controlled by using dedicated instructions PEEK and POKE. Since the control registers are
assigned to addresses 00H-3FH regardless of the bank, the addresses 00H-3FH of the general-purpose data memory
cannot be accessed when the PEEK or POKE instruction is used.
The addresses that can be accessed by the PEEK and POKE instructions are the addresses 00H-3FH of the control
registers and 40H-7FH of the general-purpose data memory. The register file consists of these addresses.
The control registers are assigned to addresses 80H-BFH on the IE-17K to facilitate debugging.
Fig. 2-8 Register File Access with PEEK or POKE Instructions
0123456789
A
B
C
D
E
F
0
1
2
3
4
5
6
7
Column address
Data memory
System register
0
1
2
3
PEEK WR, SP
POKE LCDMD, WR
POKE M063, WR
Control register
Register file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com