Electronic Components Datasheet Search
  English  ▼

X  

UPD17245 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD17245
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17245 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD17245 Datasheet HTML 19Page - Renesas Technology Corp UPD17245 Datasheet HTML 20Page - Renesas Technology Corp UPD17245 Datasheet HTML 21Page - Renesas Technology Corp UPD17245 Datasheet HTML 22Page - Renesas Technology Corp UPD17245 Datasheet HTML 23Page - Renesas Technology Corp UPD17245 Datasheet HTML 24Page - Renesas Technology Corp UPD17245 Datasheet HTML 25Page - Renesas Technology Corp UPD17245 Datasheet HTML 26Page - Renesas Technology Corp UPD17245 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
21
Data Sheet U15002EJ1V1DS
µPD17240, 17241, 17242, 17243, 17244, 17245, 17246
2.3.2
Function of stack
The address stack register stores a return address when the subroutine call instruction or table reference
instruction (first instruction cycle) is executed or when an interrupt is acknowledged. It also stores the contents of
the address registers (ARs) when a stack manipulation instruction (PUSH AR) is executed.
If subroutines or interrupts are nested to more than 5 levels, the RESET pin is internally pulled down and
a reset is effected.
The interrupt stack register (INTSK) saves the contents of the bank register (BANK) and program status word
(PSWORD) when an interrupt is acknowledged. The saved contents are restored when an interrupt return (RETI)
instruction is executed.
INTSK saves data each time an interrupt is acknowledged, but the data stored first is lost if more than 3 levels
of interrupts occur.
2.3.3
Stack pointer (SP) and interrupt stack pointer
Table 2-3 shows the operations of the stack pointer (SP).
The stack pointer can take eight values, 0H to 7H. Because there are only five stack registers available, however,
the RESET pin is internally pulled down and reset is effected if the value of SP is 6 or greater.
Table 2-3. Operations of Stack Pointer
Instruction
Value of Stack Pointer (SP)
Counter of Interrupt Stack Register
CALL addr
−10
CALL @AR
MOVT DBF, @AR
(1st instruction cycle)
PUSH AR
SYSCAL entry
When interrupt is acknowledged
–1
–1
RET
+1
0
RETSK
MOVT DBF, @AR
(2nd instruction cycle)
POP AR
RETI
+1
+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com