Electronic Components Datasheet Search
  English  ▼

X  

UPD17705 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD17705
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17705 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD17705 Datasheet HTML 19Page - Renesas Technology Corp UPD17705 Datasheet HTML 20Page - Renesas Technology Corp UPD17705 Datasheet HTML 21Page - Renesas Technology Corp UPD17705 Datasheet HTML 22Page - Renesas Technology Corp UPD17705 Datasheet HTML 23Page - Renesas Technology Corp UPD17705 Datasheet HTML 24Page - Renesas Technology Corp UPD17705 Datasheet HTML 25Page - Renesas Technology Corp UPD17705 Datasheet HTML 26Page - Renesas Technology Corp UPD17705 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 358 page
background image
21
µPD17704, 17705, 17707, 17708, 17709
1.3 Connections of Unused Pins
It is recommended to connect unused pins as follows:
Table 1-1. Connections of Unused Pins (1/2)
Pin Name
I/O Mode
Recommended Connections of Unused Pins
Port pin
P0D3/AD3-P0D0/AD0
Input
Individually connect to GND via resistorNote 1.
P1C3/AD5
P1C2/AD4
P1C1/AMIFCNote 2
Set in port mode and individually connect to VDD or GND
P1C0/FMIFCNote 2
via resistorNote 1.
P1A3/INT4
Individually connect to GND via resistorNote 1.
P1A2/INT3
P1A1
P1A0/TM0G
P1B3
N-ch open-drain
Set to low-level output by software and then open.
P1B2/PWM2-P1B0/PWM0
output
P0A3/SDA
I/ONote 3
Set in general-purpose input port mode by software and
P0A2/SCL
individually connect to VDD or GND via resistorNote 1.
P0A1/SCK0
P0A0/SO0
P0B3/SI0
P0B2/SCK1
P0B1/SO1
P0B0/SI1
P0C3-P0C0
P1D3
P1D2
P1D1/BEEP1
P1D0/BEEP0
P2A2
P2A1/FCG1
P2A0/FCG0
P2B3-P2B0
P2C3-P2C0
P2D2-P2D0
Notes 1. If a pin is externally pulled up (connected to VDD via resistor) or pulled down (connected to GND
via resistor) with a high resistance, the pin almost enters a high-impedance state, increasing the
current (through-current) consumption of the port. Generally, the resistance of a pull-up or pull-
down resistor is several 10 k
Ω, though it depends on the application circuit.
2. Do not set these pins as AMIFC and FMIFC pins; otherwise, the current consumption will increase.
3. The I/O ports are set in the general-purpose I/O port mode at power-ON reset, when reset by the
RESET pin, or when reset due to overflow or underflow of the watchdog timer or the stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com