Electronic Components Datasheet Search
  English  ▼

X  

UPD22148 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD22148
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD22148 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD22148 Datasheet HTML 9Page - Renesas Technology Corp UPD22148 Datasheet HTML 10Page - Renesas Technology Corp UPD22148 Datasheet HTML 11Page - Renesas Technology Corp UPD22148 Datasheet HTML 12Page - Renesas Technology Corp UPD22148 Datasheet HTML 13Page - Renesas Technology Corp UPD22148 Datasheet HTML 14Page - Renesas Technology Corp UPD22148 Datasheet HTML 15Page - Renesas Technology Corp UPD22148 Datasheet HTML 16Page - Renesas Technology Corp UPD22148 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
11
µPD22100, 22148
TYPICAL CHARACTERISTICS (Ta = 25
°C)
(A) RON
− VIS Characteristics
(B) Crosstalk Frequency Characteristics
INPUT VOLTAGE VIS (V)
−7.5
−5
−2.5
0
2.5
5
7.5
100
200
VDD =
−VSS = 2.5 V
VDD =
−VSS = 7.5 V
VDD =
−VSS = 5 V
VDD =
−VSS = 6 V
Crosstalk Frequency (Hz)
−40
−50
−60
−70
−80
−90
−100
1 k
10 k
100 k
1 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com