| Electronic Components Datasheet Search |
|
LM2954 Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LM2954 Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 7 page ![]() UNISONIC TECHNOLOGIES CO., LTD LM2954 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 7 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R102-002.E 300 mA LOW-DROPOUT VOLTAGE REGULATOR DESCRIPTION The UTC LM2954 is a monolithic integrated voltage regulator with low dropout voltage, and low quiescent current. It includes many features that suitable for different applications with TO-92, DIP-8, SOP-8 and SOT-223 packages. FEATURES *High accuracy fixed output. *Output voltage programmable and Logic controlled shutdown and error flag available for DIP and SOP package. *Extremely low quiescent current and dropout voltage. *Extremely tight load and line regulation. *Current and thermal limiting. *Very low temperature coefficient. TO-92 SOP- 8 DIP-8 1 SOT-223 1 *Pb-free plating product number: LM2954L ORDERING INFORMATION Order Number Pin assignment Normal Lead Free Plating Package 1 2 3 Packing LM2954-xx-AA3-R LM2954L-xx-AA3-R SOT-223 I G O Tape Reel LM2954-xx-D08-T LM2954L-xx-D08-T DIP-8 Tube LM2954-xx-S08-R LM2954L-xx-S08-R SOP-8 Tape Reel LM2954-xx-S08-T LM2954L-xx-S08-T SOP-8 refer to Pin Configurations Tube LM2954-xx-T92-B LM2954L-xx-T92-B TO-92 O G I Tape Box LM2954-xx-T92-K LM2954L-xx-T92-K TO-92 O G I Bulk Note: 1. Pin assignment: I:Vin O:Vout G:Ground 2.xx: Output Voltage LM2954L-xx-AA3-R (1)Packing Type (2)Package Type (4)Lead Plating (1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube (2) AA3: SOT-223, D08: DIP-08, S08: SOP-8, T 92: TO-92 (4) L: Lead Free Plating, Blank: Pb/Sn (3)Output Voltage Code (3) xx: 3.3V:33, 5.0V:50, ADJ:AD |
Similar Part No. - LM2954 |
|
Similar Description - LM2954 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |