Electronic Components Datasheet Search
  English  ▼

X  

UPD70741 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD70741
Description  MOS INTEGRATED CIRCUIT
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD70741 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD70741 Datasheet HTML 19Page - Renesas Technology Corp UPD70741 Datasheet HTML 20Page - Renesas Technology Corp UPD70741 Datasheet HTML 21Page - Renesas Technology Corp UPD70741 Datasheet HTML 22Page - Renesas Technology Corp UPD70741 Datasheet HTML 23Page - Renesas Technology Corp UPD70741 Datasheet HTML 24Page - Renesas Technology Corp UPD70741 Datasheet HTML 25Page - Renesas Technology Corp UPD70741 Datasheet HTML 26Page - Renesas Technology Corp UPD70741 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 114 page
background image
µPD70741
21
Table 3-3. Built-in Peripheral I/O Registers (1/2)
Address
Function register name
Abbreviation
Manipulatable bits
Initial value
8-bits
16-bits
C0000010
Port mode control register 0
PMC0
o
0000H
C0000012
Port mode register 0
PM0
o
03FFH
C0000014
Port register 0
P0
o
Not defined
C0000020
Bus cycle type control register
BCTC
o
01H
C0000022
Programmable wait control register 0
PWC0
o
77H
C0000024
Programmable wait control register 1
PWC1
o
77H
C0000026
Programmable wait control register 2
PWC2
o
77H
C0000028
DRAM configuration register
DRC
o
81H
C000002A
Refresh control register
RFC
o
80H
C000002C
Page-ROM configuration register
PRC
o
80H
C0000040
DMA source address register 0H
DSA0H
o
Not defined
C0000042
DMA source address register 0L
DSA0L
o
Not defined
C0000044
DMA destination address register 0H
DDA0H
o
Not defined
C0000046
DMA destination address register 0L
DDA0L
o
Not defined
C0000048
DMA source address register 1H
DSA1H
o
Not defined
C000004A
DMA source address register 1L
DSA1L
o
Not defined
C000004C
DMA destination address register 1H
DDA1H
o
Not defined
C000004E
DMA destination address register 1L
DDA1L
o
Not defined
C0000050
DMA byte count register 0
DBC0
o
Not defined
C0000052
DMA byte count register 1
DBC1
o
Not defined
C0000054
DMA channel control register 0
DCHC0
o
0000H
C0000056
DMA channel control register 1
DCHC1
o
0000H
C0000060
Timer unit mode register 0
TUM0
o
0A00H
C0000062
Timer control register 0
TMC0
o
00H
C0000064
Timer control register 1
TMC1
o
00H
C0000066
Timer output control register 0
TOC0
o
03H
C0000068
Timer overflow status register
TOVS
o
00H
C0000070
Timer register 0
TM0
o
0000H
C0000072
Capture/compare register 00
CC00
o
Not defined
C0000074
Capture/compare register 01
CC01
o
Not defined
C0000076
Capture/compare register 02
CC02
o
Not defined
C0000078
Capture/compare register 03
CC03
o
Not defined
C000007C
Timer register 1
TM1
o
0000H
C000007E
Compare register 1
CM1
o
Not defined
C0000080
Asynchronous serial interface mode register ASIM
o
00H
C0000082
Asynchronous serial interface status register ASIS
o
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com