Electronic Components Datasheet Search
  English  ▼

X  

PI3HDMI414 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3HDMI414
Description  4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI414 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI414 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI414 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI414 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI414 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI414 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI414 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI414 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI414 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI414 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS8841
06/06/06
PI3HDMI414
4-Differential Channel, 4:1 Mux/DeMux,
DVI/HDMI Compliant Signal Switch
Fig 5. Crosstalk Plot from 1MHz to 6.0GHz, Vdd=1.8V, Vss = 0V
Average Factor = 16; Power = -6dBm; IF Bandwidth = 100Hz; # of Points = 201
06-0085



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com